AI

# Overview of the CTC3F-R15J Electronic Component
The **CTC3F-R15J** is a specific model of a **Fixed Inductor** (Choke), typically manufactured by companies like Central Technologies. It is a leaded, axial-style component used primarily for filtering, decoupling, and frequency discrimination in electronic circuits.
---
## 1. Technical Specifications
| Parameter | Value / Specification |
| :--- | :--- |
| **Inductance** | 0.15 µH (Microhenries) |
| **Tolerance** | ±5% (indicated by the 'J' suffix) |
| **Core Material** | Phenolic or Ferrite (depending on frequency range) |
| **Form Factor** | Axial Leaded (Through-hole) |
| **Package Series** | CTC3F Series (Molded Inductor) |
| **Operating Temperature** | -55°C to +125°C |
---
## 2. Part Number Breakdown
Understanding the nomenclature helps in identifying the part's characteristics:
* **CTC3F**: The series designation. "3F" typically refers to the physical size and the molding style of the inductor.
* **R15**: The inductance value. The "R" acts as a decimal point. Therefore, `R15` = `0.15`.
* **J**: The tolerance code. In the electronic component world, `J` stands for `±5%`.
---
## 3. Key Electrical Characteristics
1. **High Self-Resonant Frequency (SRF):** Because the inductance is very low (0.15 µH), this part is designed to operate at very high frequencies without becoming capacitive.
2. **Quality Factor (Q):** Usually optimized for high-frequency performance to minimize energy loss.
3. **DCR (DC Resistance):** Because it is a low inductance value, the internal wire length is short, resulting in a very low DCR, which allows for higher current handling relative to its size.
---
## 4. Typical Applications
The CTC3F-R15J is commonly found in the following circuit types:
* **RF Coupling/Decoupling:** Blocking high-frequency noise from power supply lines.
* **Filtering:** Used in low-pass or band-pass filters for radio frequency applications.
* **Signal Processing:** Shaping waveforms in high-speed communication equipment.
* **Consumer Electronics:** Found in television tuners, radio receivers, and telecommunication devices.
---
## 5. Physical Construction
* **Encapsulation:** The "Molded" nature of the CTC3F series means the internal coil is protected by a hard epoxy resin. This provides excellent mechanical strength and resistance to moisture and environmental contaminants.
* **Mounting:** Designed for **Through-Hole Technology (THT)**. The leads are usually tinned copper for easy soldering.
- ⤷
What are the equivalent alternative parts for the CTC3F-R15J?
- ⤷ How does the 'Q factor' impact the performance of this specific inductor?
- ⤷ Can this inductor be used in surface-mount (SMT) applications with adapters?