CTM1F-R10J
AI

The **CTM1F-R10J** is a specific electronic component belonging to the family of **molded chip inductors**. It is commonly used in surface-mount technology (SMT) applications for filtering, decoupling, and energy storage in electronic circuits.
### 1. Technical Specifications
The part number can be broken down to understand its core characteristics. Below is a detailed breakdown of its specifications:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Inductance** | 0.1 µH | Represented by "R10" (0.10) |
| **Tolerance** | ±5% | Represented by the "J" suffix |
| **Case Size** | 1210 (EIA) / 3225 (Metric) | Standard surface mount footprint |
| **Material** | Ferrite Core | Provides high permeability for better inductance |
| **Mounting Type** | SMD/SMT | Surface Mount Device |
| **Construction** | Molded | Protected by a plastic resin for durability |
---
### 2. Key Features
* **High Reliability:** The molded construction provides excellent mechanical strength and resistance to environmental factors like humidity and vibration.
* **Precision:** The "J" tolerance (5%) makes it suitable for circuits requiring relatively tight control over inductive reactance.
* **Compact Footprint:** The 1210 size allows for high-density PCB layouts.
* **Frequency Response:** Due to the ferrite core and low inductance value (0.1 µH), it is typically used in high-frequency applications.
---
### 3. Common Applications
This inductor is typically found in power management and signal processing circuits:
1. **RF Circuits:** Used for impedance matching or as a high-frequency choke.
2. **DC-DC Converters:** Acts as a small-scale energy storage element or filter to smooth output current.
3. **EMI Suppression:** Filters out high-frequency noise in communication lines.
4. **Decoupling:** Prevents noise from one part of a circuit from affecting another via the power supply.
---
### 4. Part Number Decoder
If you are looking at similar parts in this series, here is how the naming convention usually works:
| Prefix (CTM1F) | Value (R10) | Tolerance (J) |
| :--- | :--- | :--- |
| **Series Code:** Molded Ferrite Inductor | **Inductance:** R denotes the decimal point (0.10 µH) | **Tolerance:** J = 5%, K = 10%, M = 20% |
- ⤷
What is the maximum current rating (Imax) for the CTM1F-R10J?
- ⤷ How does a ferrite core inductor differ from a ceramic core inductor in high-frequency applications?
- ⤷ What are the recommended soldering profiles for 1210 molded inductors?