CTM1F-R15J
AI

The **CTM1F-R15J** is a high-performance **Molded Chip Inductor** (Surface Mount Device) designed and manufactured by Central Technologies. It is commonly used in RF (Radio Frequency) and high-frequency signal processing applications.
---
### 1. Key Technical Specifications
The part number follows a specific nomenclature. Here is the breakdown of its electrical characteristics:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Inductance** | 0.15 µH | Represented by "R15" |
| **Tolerance** | ±5% | Represented by "J" |
| **Current Rating (Max)** | 450 mA | Maximum DC current before overheating |
| **DC Resistance (Max)** | 0.44 Ω | Internal resistance of the coil |
| **Self-Resonant Freq (Min)** | 450 MHz | Frequency where it ceases to be an inductor |
| **Q Factor (Min)** | 28 | Quality factor at a test frequency of 25.2 MHz |
| **Case Size** | 1210 (EIA) | Physical dimensions: 3.2mm x 2.5mm |
---
### 2. Physical Construction
The **CTM1F Series** is characterized by its "Molded" design, which offers several mechanical advantages:
* **Encapsulation:** The internal wire coil is encased in a hard epoxy/plastic resin.
* **Protection:** Provides excellent resistance to mechanical shock, vibration, and moisture.
* **Flat Top:** Designed with a smooth, flat surface optimized for automated pick-and-place high-speed assembly lines.
* **Termination:** Features lead-free (RoHS compliant) solderable terminals.
---
### 3. Common Applications
Due to its high Q-factor and stable inductance in a small footprint, the CTM1F-R15J is typically found in:
1. **RF Circuits:** Matching networks and high-frequency filters.
2. **Telecommunications:** Signal decoupling in mobile phones and base stations.
3. **Consumer Electronics:** Video cameras, portable gaming devices, and GPS modules.
4. **Oscillators:** Used as a frequency-determining component in LC tank circuits.
---
### 4. Handling and Soldering
| Aspect | Recommendation |
| :--- | :--- |
| **Moisture Sensitivity** | MSL 1 (Unlimited floor life) |
| **Soldering Method** | Reflow or Wave Soldering |
| **Temperature Range** | -40°C to +125°C (including self-heating) |
---
- ⤷
What are the equivalent alternative part numbers for the CTM1F-R15J?
- ⤷ How does the 'Q factor' impact the performance of this inductor in RF circuits?
- ⤷ Can this inductor be used in high-power switching power supplies?