CTM1F-R56J
AI

The **CTM1F-R56J** is a high-performance molded chip inductor. It belongs to a family of passive electronic components designed for surface mount technology (SMT) applications where space-saving and reliability are critical.
---
## 1. Technical Specifications
The part number "R56J" defines the core electrical characteristics of this specific component.
| Parameter | Value / Specification |
| :--- | :--- |
| **Inductance** | 0.56 µH (Microhenries) |
| **Tolerance** | ±5% (indicated by the "J" suffix) |
| **Form Factor** | Molded Surface Mount (SMD) |
| **Standard Size** | Typically 1210 (3225 Metric) |
| **Core Material** | Ferrite |
| **Testing Frequency** | Typically 25.2 MHz |
---
## 2. Part Number Breakdown
Understanding the nomenclature helps in identifying equivalent parts:
* **CTM1F**: Series designation (Molded Chip Inductor, typically high-frequency/standard).
* **R56**: The inductance value. The "R" acts as a decimal point ($0.56$).
* **J**: The tolerance code. $J = \pm5\%$, $K = \pm10\%$, $M = \pm20\%$.
---
## 3. Physical & Material Features
* **Molded Construction:** The coil is encapsulated in a hard epoxy resin. This provides excellent mechanical strength and protects the copper windings from moisture and environmental contaminants.
* **Ferrite Core:** Used to provide high permeability, allowing for higher inductance values in a small physical footprint while maintaining low DC resistance (DCR).
* **Termination:** Usually features tin-plated (Sn) over nickel (Ni) barriers for excellent solderability and resistance to leaching during reflow.
---
## 4. Common Applications
Due to its $0.56 \mu H$ value and ±5% precision, this inductor is commonly used in:
1. **RF Circuits:** Impedance matching and signal filtering in wireless communication devices.
2. **Decoupling:** Filtering high-frequency noise from power supply lines to sensitive ICs.
3. **DC-DC Converters:** Small-scale power management where high-speed switching is involved.
4. **Consumer Electronics:** Found in tablets, laptops, and automotive infotainment systems.
---
### Example Circuit Implementation
```c
// Inductors like the CTM1F-R56J are used in LC filters
// Calculated Cutoff Frequency (f) = 1 / (2 * pi * sqrt(L * C))
L = 0.56uH; // CTM1F-R56J
C = 100nF; // Example Capacitor
```
- ⤷What is the maximum current rating (Imax) for the CTM1F series?
- ⤷ How does the 'R56J' tolerance compare to the 'R56K' version?
- ⤷ What are the recommended soldering profiles for molded inductors?