CTM2F-R47M
AI

The **CTM2F-R47M** is a specific model of a **molded inductor** (also known as a fixed choke). It belongs to a series of surface-mount or axial leaded components designed for filtering and energy storage in electronic circuits.
### 1. Part Number Breakdown
The part number can typically be decoded as follows:
| Segment | Meaning | Value / Description |
| :--- | :--- | :--- |
| **CTM2F** | Series Series | Molded Unshielded/Shielded Inductor series |
| **R47** | Inductance Value | 0.47 µH (Microhenries) |
| **M** | Tolerance | ±20% |
---
### 2. Technical Specifications
While exact parameters can vary slightly by manufacturer (such as Central Technologies), typical specifications for this part include:
* **Inductance:** 0.47 µH.
* **Tolerance:** ±20% (Standard for power and decoupling inductors).
* **Core Material:** Usually Ferrite or Iron Powder, providing high permeability.
* **Form Factor:** Molded construction, which provides excellent mechanical strength and environmental protection (moisture and shock resistance).
* **Operating Temperature:** Generally rated from -55°C to +125°C.
---
### 3. Key Applications
The CTM2F-R47M is used in scenarios where small size and reliability are critical:
1. **Signal Filtering:** Used in RLC circuits to filter out high-frequency noise from power lines or signal paths.
2. **DC/DC Converters:** Acts as an energy storage element in high-frequency switching regulators.
3. **Decoupling:** Prevents electromagnetic interference (EMI) from spreading between different stages of a circuit.
4. **Consumer Electronics:** Found in communication equipment, automotive sub-systems, and portable devices.
---
### 4. Physical Characteristics
* **Encapsulation:** The "Molded" aspect means the coil is encased in a hard plastic or epoxy resin. This makes it ideal for automated assembly (Pick-and-Place machines).
* **Durability:** High resistance to soldering heat and mechanical stress.
---
### 5. Equivalent Comparison
If you are looking for alternatives, you should match the following parameters:
```json
{
"Inductance": "0.47uH",
"Tolerance": "20%",
"DCR": "Must be equal or lower than original",
"Isat": "Saturation current must meet circuit peak requirements"
}
```
- ⤷
What is the maximum current rating (Irated) for the CTM2F-R47M?
- ⤷ Can this inductor be used in high-frequency RF applications?
- ⤷ What are the physical dimensions of the CTM2F series package?