CTM3F-R82J
AI

The **CTM3F-R82J** is a high-performance, molded unshielded surface-mount (SMD) inductor. It is commonly used in RF circuits, telecommunications, and high-frequency power filtering applications where stability and compact size are critical.
---
### ## Technical Specifications
The part number "R82J" indicates its core electrical properties. Here is a breakdown of the key specifications:
| Parameter | Value / Range |
| :--- | :--- |
| **Inductance** | 0.82 µH |
| **Tolerance** | ±5% (indicated by the 'J' suffix) |
| **Test Frequency** | 25.2 MHz |
| **Self-Resonant Frequency (SRF)** | 225 MHz (Minimum) |
| **DC Resistance (DCR)** | 0.35 Ω (Maximum) |
| **Rated Current** | 760 mA |
| **Operating Temperature** | -55°C to +105°C |
---
### ## Key Electronic Features
1. **Molded Construction:**
The component is encapsulated in a rugged thermoset plastic. This provides excellent physical durability and protection against environmental factors like moisture and mechanical shock.
2. **High Self-Resonant Frequency (SRF):**
With an SRF of 225 MHz, this inductor remains efficient at high frequencies before parasitic capacitance causes it to behave like a capacitor.
3. **Low DC Resistance (DCR):**
The maximum resistance of 0.35 Ω ensures minimal power loss and heat generation, making it suitable for compact battery-powered devices.
4. **SMD Design:**
The "CTM3F" series is designed for automated "pick and place" assembly, utilizing high-quality solder terminations for reliable connectivity on PCBs.
---
### ## Typical Applications
Due to its high Q-factor and stable inductance, the CTM3F-R82J is found in:
* **RF Tuning:** Used in resonant circuits for wireless communication.
* **Decoupling:** Filtering out high-frequency noise from power supply lines.
* **Signal Conditioning:** Maintaining signal integrity in telecommunication base stations.
* **Consumer Electronics:** Power management modules in tablets and notebooks.
---
- ⤷
What are the alternative components if the CTM3F-R82J is out of stock?
- ⤷ How does the 'J' tolerance impact the performance of an RF tuning circuit?
- ⤷ What is the physical footprint (dimensions) for the CTM3F series on a PCB?