CTMC1008F-R39J
AI

The **CTMC1008F-R39J** is a surface-mount (SMD) wire-wound chip inductor. It is commonly used in high-frequency circuits for filtering, impedance matching, and resonance.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its electrical and physical characteristics.
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Inductance** | 0.39 µH (390 nH) | The nominal inductance value. |
| **Tolerance** | ±5% (J) | The allowable deviation from the nominal value. |
| **Case Size** | 1008 (2520 Metric) | Dimensions: 2.5mm x 2.0mm. |
| **Core Material** | Ferrite | Provides higher inductance in a smaller package. |
| **Max DC Current** | ~450 mA | The maximum continuous current it can handle. |
| **DC Resistance (DCR)** | ~0.45 Ω (Max) | The internal resistance of the wire. |
| **Self-Resonant Freq.** | ~250 MHz | The frequency at which the part stops acting as an inductor. |
---
## 2. Key Features
* **Wire-Wound Construction:** Offers significantly higher Q-factors (Quality Factor) and lower DC resistance compared to multilayer inductors.
* **Ferrite Core:** Allows for high magnetic flux density, making it efficient for power decoupling and filtering.
* **High Reliability:** Designed for surface mount technology (SMT) with excellent solderability and heat resistance.
* **Small Footprint:** The 1008 size is ideal for compact consumer electronics.
---
## 3. Common Applications
This specific inductor is typically found in:
1. **RF Circuits:** Used for impedance matching in wireless communication modules.
2. **Signal Filtering:** Removing high-frequency noise from data lines.
3. **DC-DC Converters:** Small-scale power management where space is limited.
4. **Mobile Devices:** Used in smartphones, tablets, and wearable tech for signal integrity.
---
## 4. Part Number Breakdown
The code **CTMC1008F-R39J** can be decoded as follows:
* **CTMC:** Series designation (Molded Chip Inductor).
* **1008:** Physical size (0.10 x 0.08 inches).
* **F:** Ferrite core material.
* **R39:** Inductance value (R denotes the decimal point; 0.39 µH).
* **J:** Tolerance code (J = ±5%).
- ⤷
What is the difference between a ferrite core and a ceramic core inductor?
- ⤷ How does the Q-factor affect the performance of this inductor in RF circuits?
- ⤷ What are the recommended soldering profiles for 1008 size SMD components?