Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • CTML0603-R068K

  • AI
    ## CTML0603-R068K: Multi-layer Chip Inductor The **CTML0603-R068K** is a surface-mount multi-layer ceramic chip inductor. These components are designed for high-density mounting in electronic circuits to provide inductance while maintaining a small footprint. --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the specific technical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **CTML** | Series Type | Ceramic Multi-Layer Inductor | | **0603** | Case Size | Imperial size 0603 (1.6mm x 0.8mm) | | **R068** | Inductance Value | **0.068 µH** (68 nH) | | **K** | Tolerance | **±10%** | --- ### 2. Technical Specifications The typical performance characteristics for this class of inductor are as follows: * **Inductance:** 0.068 µH (68 nanohenries). * **Operating Temperature:** Generally ranges from -55°C to +125°C. * **Material Construction:** Ferrite or Ceramic body with internal silver (Ag) printed layers. * **Termination:** Usually nickel barrier with tin plating for excellent solderability. --- ### 3. Key Features and Applications Multi-layer inductors like the CTML0603 series are preferred over wire-wound types in specific scenarios due to their physical structure. #### Key Features: * **Magnetic Shielding:** The closed magnetic circuit minimizes crosstalk and EMI (Electromagnetic Interference). * **High Reliability:** No external wires to break; monolithic structure provides high mechanical strength. * **Miniaturization:** Ideal for compact consumer electronics. #### Common Applications: * **Resonant Circuits:** Used in high-frequency communication devices. * **EMI Suppression:** Filtering high-frequency noise in signal lines. * **Mobile Electronics:** Smartphones, tablets, and wearable devices. * **Computer Peripherals:** Motherboards and high-speed data interfaces. --- ### 4. Circuit Symbol and Footprint In a schematic, this part is represented by the standard inductor symbol. ```text L1 ---(uuu)--- 0.068uH ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between multi-layer and wire-wound inductors?
    • ⤷ How does the Q-factor affect the performance of this inductor?
    • ⤷ What is the Self-Resonant Frequency (SRF) for the 0603 series?