CTML0603-R15M
AI

The **CTML0603-R15M** is a surface-mount multi-layer chip inductor. These components are commonly used in high-frequency circuits for noise filtering, signal shaping, and impedance matching in compact electronic devices.
---
### 1. Technical Specifications
The part number follows a standard nomenclature used by manufacturers (like Central Technologies). Below are the core technical parameters:
| Parameter | Value | Details |
| :--- | :--- | :--- |
| **Inductance** | 0.15 µH | Fixed value at specific test frequency |
| **Tolerance** | ±20% | Indicated by the suffix "M" |
| **Case Size** | 0603 (EIA) | 1.6mm x 0.8mm (Metric 1608) |
| **Core Material** | Ferrite | Multi-layer construction |
| **DC Resistance (DCR)** | ~0.40 - 0.60 Ω | Max resistance of the internal coil |
| **Rated Current** | ~150 - 300 mA | Maximum current before overheating |
| **Self-Resonant Freq** | >200 MHz | Frequency where it acts as a capacitor |
---
### 2. Part Number Breakdown
Understanding the code helps in identifying replacements or similar parts:
* **CTML**: Series prefix (Multi-Layer Chip Inductor).
* **0603**: Physical dimensions (Length 0.06" x Width 0.03").
* **R15**: Inductance value. The "R" acts as a decimal point ($0.15$). Measured in microhenries ($\mu H$).
* **M**: Tolerance code ($M = \pm 20\%$).
---
### 3. Key Electronic Characteristics
#### A. Multi-layer Construction
Unlike wire-wound inductors, this part is made by layering conductive paste and ferrite material. This results in:
* **Magnetic Shielding:** The closed magnetic circuit minimizes electromagnetic interference (EMI) with surrounding components.
* **Durability:** High mechanical strength and resistance to vibration.
#### B. Frequency Response
Because it is a ferrite-based inductor, it performs best at lower to mid-range frequencies. As frequency increases toward the **Self-Resonant Frequency (SRF)**, the parasitic capacitance of the layers becomes dominant, and the part stops behaving like an inductor.
#### C. Typical Applications
* **Mobile Electronics:** Smartphones and tablets where PCB space is limited.
* **Noise Suppression:** Used in power supply lines to filter out high-frequency ripples.
* **Signal Decoupling:** Preventing high-frequency noise from passing between different stages of a circuit.
---
### 4. Comparison with Other Types
| Feature | Multi-layer (CTML) | Wire-Wound |
| :--- | :--- | :--- |
| **Size** | Very Small | Larger |
| **Q Factor** | Lower | Higher |
| **Current Handling** | Low to Moderate | High |
| **EMI Shielding** | Excellent (Self-shielded) | Poor (Requires external shielding) |
- ⤷
What is the difference between CTML and CTLL series inductors?
- ⤷ How does the 'M' tolerance impact high-precision RF circuits?
- ⤷ What are the recommended soldering profiles for 0603 multi-layer inductors?