CTML0603-R22M
AI

## Technical Overview: CTML0603-R22M
The **CTML0603-R22M** is a surface-mount multilayer chip inductor. It is designed for high-frequency signal conditioning and power decoupling in compact electronic circuits.
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the component's physical and electrical characteristics:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **CTML** | Series | Multilayer Chip Inductor (Ferrite Core) |
| **0603** | Case Size | Imperial size 0603 (1.6mm x 0.8mm) |
| **R22** | Inductance | 0.22 microhenries (µH) |
| **M** | Tolerance | ±20% |
---
### 2. Key Specifications
The following table highlights the typical electrical parameters for this component:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.22 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | ~0.45 Ω (Max) |
| **Rated Current** | ~100 mA to 300 mA (Typical) |
| **Self-Resonant Frequency** | ~250 MHz |
| **Operating Temp** | -55°C to +125°C |
---
### 3. Construction and Material
The "ML" in CTML stands for **Multilayer**.
* **Body:** Composed of high-quality ferrite material.
* **Electrode:** Internal silver (Ag) printed layers are stacked and sintered to form the coil.
* **Terminations:** Usually finished with Nickel (Ni) and Tin (Sn) to ensure excellent solderability and resistance to soldering heat.
---
### 4. Applications and Features
#### Features:
* **Magnetic Shielding:** The multilayer structure creates a closed magnetic circuit, resulting in low EMI (Electromagnetic Interference) and high-density mounting.
* **Compact Size:** The 0603 footprint is ideal for space-constrained designs like smartphones and wearables.
* **Durability:** No organic adhesives are used, providing high reliability across wide temperature ranges.
#### Common Uses:
* **Noise Suppression:** Filtering high-frequency noise in communication equipment.
* **Signal Shapping:** Used in RF (Radio Frequency) and logic circuits.
* **Power Lines:** Decoupling for low-current DC power lines to prevent ripple interference.
---
- ⤷What are the differences between multilayer and wire-wound inductors?
- ⤷ How does the self-resonant frequency affect circuit performance?
- ⤷ Can you provide a PCB footprint recommendation for an 0603 package?