CTML0603-R39M
AI

## Technical Overview of CTML0603-R39M
The **CTML0603-R39M** is a surface-mount (SMD) multilayer chip inductor. These components are designed to store energy in a magnetic field and are critical for noise suppression and signal conditioning in compact electronic circuits.
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the physical and electrical characteristics:
| Code Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **CTML** | Series Type | Multilayer Chip Inductor (Ferrite) |
| **0603** | Case Size | 0603 Imperial (1.6mm x 0.8mm) |
| **R39** | Inductance Value | 0.39 µH (Microhenries) |
| **M** | Tolerance | ±20% |
---
### 2. Key Electrical Specifications
Below are the typical parameters for this specific electronic part:
* **Inductance:** 0.39 µH
* **Tolerance:** ±20%
* **Operating Temperature:** -55°C to +125°C
* **Structure:** Multilayer ferrite technology (monolithic structure)
* **Self-Resonant Frequency (SRF):** High frequency performance suitable for RF and high-speed logic.
* **DC Resistance (DCR):** Low resistance to minimize power loss.
---
### 3. Construction and Features
* **Monolithic Structure:** The inductor is constructed by layering ferrite paste and internal electrode paste. This creates a solid block that is highly reliable and provides excellent magnetic shielding.
* **Magnetic Shielding:** Because it is a closed magnetic circuit, it minimizes electromagnetic interference (EMI) and prevents crosstalk with neighboring components on a dense PCB.
* **Soldering Compatibility:** Designed for reflow and wave soldering processes with nickel-barrier terminations to prevent leaching.
---
### 4. Common Applications
Due to its small 0603 footprint and 0.39 µH inductance, it is frequently used in:
1. **Mobile Devices:** Filtering in smartphones, tablets, and wearables.
2. **Noise Suppression:** Used in DC-to-DC converter circuits to smooth ripple current.
3. **High-Frequency Signal Lines:** Decoupling and EMI prevention in high-speed digital circuits.
---
- ⤷What are the maximum current ratings for the CTML0603-R39M?
- ⤷ How does a multilayer inductor differ from a wire-wound inductor?
- ⤷ Can this part be used in automotive applications?