CTSFW1890F-R82M
AI

The **CTSFW1890F-R82M** is a high-performance, shielded power inductor typically used in DC-DC converter applications. Below is a detailed breakdown of its technical specifications and characteristics.
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the physical and electrical properties:
| Component Segment | Meaning |
| :--- | :--- |
| **CTSFW** | Series designation (typically shielded, flat wire construction) |
| **1890** | Case size (approx. 18mm x 18mm x 9mm) |
| **F** | Lead-free / RoHS compliant |
| **R82** | Inductance value: 0.82 µH |
| **M** | Tolerance: ±20% |
---
### 2. Technical Specifications
The "R82M" indicates a low inductance value, which is common in high-frequency switching power supplies.
| Parameter | Value (Typical) |
| :--- | :--- |
| **Inductance** | 0.82 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | Extremely low (mΩ range) |
| **Saturation Current (Isat)** | Very High (often >40A) |
| **Operating Temperature** | -40°C to +125°C |
| **Construction** | Shielded, Flat Wire |
---
### 3. Key Electronic Characteristics
#### A. Shielded Construction
The inductor is magnetically shielded. This minimizes **Electromagnetic Interference (EMI)**, ensuring that the magnetic field stays contained within the core. This is critical for dense PCB layouts where components are placed close together.
#### B. Flat Wire Technology
Instead of standard round copper wire, this part uses **flat wire**. This offers several advantages:
* **Lower DCR:** Larger surface area reduces resistance, leading to less heat generation.
* **Better Fill Factor:** Allows for a smaller physical footprint while maintaining high current capacity.
* **Skin Effect Mitigation:** Performs better at high frequencies compared to standard wire.
#### C. High Saturation Current
The "R82M" version is designed to handle massive spikes in current without the inductance dropping significantly (saturation). This makes it ideal for "Point of Load" (POL) converters.
---
### 4. Common Applications
* **Voltage Regulator Modules (VRMs):** Used in servers and high-end workstations.
* **DC-DC Converters:** High-efficiency power supplies for industrial electronics.
* **Automotive Systems:** Powering infotainment or ADAS modules where EMI control is vital.
* **Battery Powered Systems:** Where low DCR is required to maximize battery life.
---
### 5. Footprint (SMD)
This is a **Surface Mount Device (SMD)**. Designers must ensure that the solder pads are large enough to dissipate the heat generated by high current loads.
- ⤷
What is the exact saturation current (Isat) for the 0.82uH variant?
- ⤷ How does flat wire construction compare to round wire in terms of thermal performance?
- ⤷ What are the recommended PCB layout tips for high-current shielded inductors?