CTSPI2D10F-R33N
AI

The **CTSPI2D10F-R33N** is a low-profile, surface-mount (SMD) power inductor. It is designed for high-efficiency power conversion in compact electronic devices.
Below is a detailed breakdown of its technical specifications and characteristics.
---
### 1. Technical Specifications
The part number follows a specific nomenclature. Here are the core electrical parameters:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.33 µH (indicated by "R33") |
| **Tolerance** | ±30% (indicated by "N") |
| **DC Resistance (DCR)** | ~25 mΩ (Max) |
| **Saturation Current (Isat)** | ~2.50 A - 3.00 A |
| **Temperature Rise Current (Irms)** | ~2.10 A |
| **Dimensions** | Approx. 3.0 x 3.0 x 1.0 mm |
---
### 2. Physical Construction
The "F" in the series often denotes a **shielded construction** or a specific core material (usually ferrite).
* **Core Material:** Ferrite core which provides low core losses at high frequencies.
* **Shielding:** Magnetically shielded design. This is critical for high-density PCBs to prevent electromagnetic interference (EMI) with neighboring components.
* **Form Factor:** Ultra-thin profile (1.0mm height), making it ideal for "wearable" or "mobile" electronics where vertical space is limited.
---
### 3. Part Number Breakdown
Understanding the coding helps in identifying variants:
| Segment | Meaning |
| :--- | :--- |
| **CTSPI** | Series prefix (Shielded Power Inductor) |
| **2D10** | Dimensions (approx. 2.8mm - 3.0mm width/length, 1.0mm height) |
| **F** | Internal design/Material code |
| **R33** | Inductance value (R = decimal point; 0.33 microhenries) |
| **N** | Tolerance code (N = ±30%) |
---
### 4. Common Applications
Due to its low inductance and high current handling for its size, it is typically used in:
* **DC-DC Converters:** Specifically high-frequency buck converters.
* **Mobile Devices:** Smartphones, tablets, and handheld consoles.
* **LCD Displays:** Powering driver circuits.
* **Communication Equipment:** Small-scale networking modules.
---
### 5. Performance Considerations
* **Self-Resonant Frequency (SRF):** At 0.33µH, this inductor has a very high SRF, allowing it to function efficiently at switching frequencies above 1MHz.
* **Saturation:** The "Isat" rating is the point where inductance drops by a specific percentage (usually 30%). Ensure your peak circuit current does not exceed this value to avoid circuit instability.
- ⤷
What are the equivalent alternatives for the CTSPI2D10F series from other manufacturers?
- ⤷ How does the 30% tolerance affect the stability of a buck converter circuit?
- ⤷ What is the recommended solder reflow profile for this specific SMD package?