Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • CTX110609-R

  • AI
    ## CTX110609-R: Technical Overview The **CTX110609-R** is a specialized electronic component primarily categorized as a **Surface Mount (SMT) Inductor/Transformer**, typically designed for high-frequency DC-DC conversion applications. It is often associated with the **Eaton (formerly Coiltronics)** OCTA-PAC® or specialized inductor series. --- ### 1. Key Specifications Below are the typical technical parameters for this part: | Parameter | Specification | | :--- | :--- | | **Component Type** | SMT Power Inductor / Multi-winding Transformer | | **Inductance** | Varies based on series (typically 10µH to 100µH range) | | **Current Rating** | High-current capable (up to several Amps) | | **Configuration** | Toroidal Core / Dual Winding | | **Mounting Type** | Surface Mount (SMD) | | **RoHS Compliance** | Yes (indicated by the "-R" suffix) | --- ### 2. Physical and Structural Parts The device is composed of several critical sub-components that define its performance: 1. **Magnetic Core:** Usually a **powdered iron** or **ferrite** toroidal core. Toroidal shapes are preferred for low Electromagnetic Interference (EMI) because the magnetic field is contained within the ring. 2. **Windings:** High-quality copper wire wrapped around the core. The CTX series often features **dual windings**, allowing it to be used as an inductor, a 1:1 transformer, or coupled inductors. 3. **Base/Header:** A high-temperature plastic base that secures the leads and allows the component to be placed by automated Pick-and-Place machines. 4. **Terminations:** Solder-plated leads (lead-free for the -R version) designed for robust connection to the PCB. --- ### 3. Functional Applications The CTX110609-R is commonly integrated into the following circuits: * **SEPIC Converters:** Utilizing the dual-winding nature to manage voltage step-up and step-down. * **Flyback Transformers:** Providing galvanic isolation between input and output in low-power supplies. * **Common Mode Chokes:** Filtering out high-frequency noise in power lines. * **Energy Storage:** Acts as the primary energy storage element in switching regulators. --- ### 4. Part Number Breakdown * **CTX:** Brand prefix (Coiltronics/Eaton). * **110609:** Specific design/size code identifying the core geometry and electrical characteristics. * **-R:** Indicates **RoHS compliance** (lead-free). ---
    ✨ Follow-up Questions
    • ⤷ What are the specific inductance and current ratings for the CTX110609-R?
    • ⤷ Can this component be used in a series or parallel configuration for different power needs?
    • ⤷ What are the recommended soldering profiles for the -R suffix version?