CTX15-2-R
AI

## Overview of the CTX15-2-R
The **CTX15-2-R** is a high-performance, surface-mount (SMT) dual-winding inductor (or transformer) manufactured by **Eaton (formerly Coiltronics)**. It belongs to the **OCTA-PAC®** series, known for its versatility in power conversion applications.
---
### 1. Key Technical Specifications
The following table outlines the primary electrical and physical characteristics of the CTX15-2-R:
| Parameter | Specification |
| :--- | :--- |
| **Inductance (Parallel)** | 15.12 µH |
| **Inductance (Series)** | 60.48 µH |
| **Current Rating (Parallel)** | 2.50 Amps |
| **Current Rating (Series)** | 1.25 Amps |
| **DCR (Direct Current Resistance)** | ~0.054 Ω (Parallel) |
| **Termination Style** | SMD/SMT (Surface Mount) |
| **Operating Temperature** | -40°C to +125°C |
| **Core Material** | Powdered Iron (Low Loss) |
---
### 2. Physical Configuration
The CTX15-2-R features **two identical windings**. This dual-winding design allows engineers to configure the part in several ways depending on how the pins are connected to the PCB:
* **Parallel Connection:** Connects the two coils side-by-side to increase the current-carrying capacity while keeping inductance low.
* **Series Connection:** Connects the coils end-to-end to quadruple the inductance (since $L_{total} = L_1 + L_2 + 2M$) while halving the current capacity.
* **1:1 Transformer:** Can be used as an isolation transformer or a SEPIC inductor where the two coils are electrically isolated but magnetically coupled.
---
### 3. Common Applications
Due to its high power density and flexible winding configuration, the CTX15-2-R is commonly used in:
1. **DC-DC Converters:** Buck, Boost, and Forward converters.
2. **SEPIC Topology:** Ideal for Single-Ended Primary-Inductor Converters where two inductors are needed on a single core.
3. **EMI Filtering:** Used as a common-mode choke to filter electrical noise.
4. **Voltage Isolation:** Providing 1:1 ratio signal or power isolation.
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
* **CTX:** Series prefix (OCTA-PAC).
* **15:** Nominal Inductance in microhenries (µH) when wired in parallel.
* **2:** Size/Power rating code.
* **-R:** RoHS compliant (Lead-free).
---
- ⤷
What is the difference between CTX15-2-R and the OCTA-PAC PLUS series?
- ⤷ How do I calculate the saturation current for this inductor in a series configuration?
- ⤷ Can this part be used specifically as a Common Mode Choke?