CTX200-2P-R
AI

## Technical Overview: CTX200-2P-R
The **CTX200-2P-R** is a high-performance, shielded power inductor designed primarily for DC-DC converters and energy storage applications. It is part of the **OCTA-PAC® PLUS** series manufactured by Eaton (formerly Cooper Bussmann).
---
### 1. Key Specifications
Below are the primary electronic characteristics of the CTX200-2P-R:
| Parameter | Specification |
|:---|:---|
| **Inductance** | 200 µH (Nominal) |
| **Tolerance** | ±20% |
| **Rated Current (Irms)** | ~1.10 Amps |
| **Saturation Current (Isat)** | ~0.84 Amps |
| **DC Resistance (DCR)** | 0.380 Ohms (Max) |
| **Configuration** | 2 Windings (Dual) |
| **Mounting Type** | Surface Mount (SMD) |
---
### 2. Physical and Material Composition
The "R" suffix in the part number indicates that the component is **RoHS compliant**, meaning it is lead-free and environmentally friendly.
* **Core Material:** Typically a Powder Iron core. This material is chosen for its high saturation flux density and stability over a wide temperature range.
* **Shielding:** The component is magnetically shielded to minimize Electromagnetic Interference (EMI), making it ideal for densely packed circuit boards.
* **Dual Winding Design:** This specific model features two separate windings. This allows for versatility in circuit design:
* **Series Connection:** Increases inductance.
* **Parallel Connection:** Increases current handling capability.
* **Transformer Mode:** Can be used as a 1:1 transformer or common-mode choke.
---
### 3. Electronic Applications
The CTX200-2P-R is commonly integrated into the following systems:
1. **Switch-Mode Power Supplies (SMPS):** Used for energy storage in Buck, Boost, or SEPIC converters.
2. **Filtering:** Acts as a high-frequency filter to remove noise from power lines.
3. **Battery Powered Equipment:** Its compact SMD footprint and efficiency make it suitable for portable electronics.
4. **Isolation:** Due to the dual windings, it can provide basic functional isolation between two circuits.
---
### 4. Terminal Configuration
When integrating this part into a PCB layout, it is important to note the polarity (indicated by a dot on the top of the casing).
```text
Winding 1: Terminals 1 and 4
Winding 2: Terminals 2 and 3
```
*Connecting 2 to 4 puts the windings in series; connecting 1 to 2 and 3 to 4 puts them in parallel.*
- ⤷
How does the saturation current change when connecting the windings in parallel?
- ⤷ What is the recommended solder reflow profile for the CTX series?
- ⤷ What are the alternatives to the CTX200-2P-R for higher temperature environments?