Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • CVR1-5A-R

  • AI
    The **CVR1-5A-R** is a specific model of a **Chip Varistor** (Voltage Dependent Resistor) manufactured by **Eaton** (formerly Cooper Bussmann). It is primarily designed for ESD (Electrostatic Discharge) protection in high-speed data lines. --- ## 1. Technical Specifications The following table outlines the critical electrical and physical characteristics of the CVR1-5A-R: | Characteristic | Specification | | :--- | :--- | | **Component Type** | Multilayer Chip Varistor (MLV) | | **Package / Case** | 0402 (Inch) / 1005 (Metric) | | **Working Voltage (Vdc)** | 5.5 V | | **Clamping Voltage** | 18 V (Typical) | | **Capacitance** | 0.5 pF (Ultra-low for high speed) | | **Peak Surge Current** | 1 A | | **Operating Temperature** | -40°C to +85°C | | **Termination** | Lead-free, RoHS compliant | --- ## 2. Key Features * **Ultra-Low Capacitance:** At 0.5 pF, this part is engineered to minimize signal distortion. This is critical for high-frequency circuits where high capacitance would "round off" digital square waves. * **Fast Response Time:** Provides near-instantaneous protection (typically <1ns) against ESD strikes. * **Bidirectional Protection:** Since it is a varistor, it provides protection for both positive and negative voltage spikes. * **Miniature Footprint:** The 0402 surface-mount package allows for high-density PCB placement near connectors. --- ## 3. Common Applications The CVR1-5A-R is typically found in circuits where data integrity and ESD protection are both required: 1. **High-Speed Data Ports:** USB 2.0/3.0, HDMI, DisplayPort, and Ethernet. 2. **Antenna Circuits:** Protecting RF front-ends from static buildup. 3. **Consumer Electronics:** Smartphones, tablets, and laptops. 4. **Set-top Boxes:** Protecting sensitive I/O pins. --- ## 4. How it Functions In a standard circuit state, the varistor acts as a high-resistance open circuit. When a high-voltage transient (like a static shock from a finger) hits the line: 1. The resistance of the CVR1-5A-R drops instantly. 2. The excess current is shunted to the ground. 3. The voltage is "clamped" to a safe level (approx. 18V), preventing damage to the downstream IC (Integrated Circuit). ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between this varistor and a TVS diode?
    • ⤷ How does the 0.5 pF capacitance impact signal integrity in USB 3.0 applications?
    • ⤷ What is the recommended soldering profile for the 0402 package size?