Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • CVR1-DJ-R

  • AI
    The **CVR1-DJ-R** is an electronic component, specifically a **Surface Mount Device (SMD) Trimmer Potentiometer** (variable resistor). These components are primarily used for fine-tuning circuit parameters, such as voltage or current levels, during the calibration phase of electronic manufacturing. --- ## 1. Technical Specifications The part number follows a specific nomenclature, typically associated with manufacturers like **Copar** or **Noble**. Below is a breakdown of its key electronic characteristics: | Attribute | Specification | | :--- | :--- | | **Type** | Variable Resistor / Trimmer Potentiometer | | **Mounting Style** | Surface Mount (SMD/SMT) | | **Adjustment Type** | Top Adjustment (Single Turn) | | **Standard Resistance** | Variable (often depends on the 3rd digit code) | | **Tolerance** | $\pm$ 25% (Standard) | | **Power Rating** | ~0.1 Watts at 70°C | | **Operating Temperature** | -40°C to +100°C | --- ## 2. Key Electronic Features ### A. Resistive Element The CVR1 series typically utilizes a **Carbon Film** or **Cermet** resistive element. The "DJ" suffix usually denotes the specific physical dimensions and the orientation of the solder pads. ### B. Mechanical Construction * **Dimensions:** It is a small form factor (approx. 3mm x 3mm). * **Wiper:** A rotating contact that moves along the resistive track to change the resistance between the center pin and the outer pins. * **Substrate:** Usually alumina or a high-temperature plastic to withstand reflow soldering. ### C. Termination Style The "R" at the end often signifies **Tape and Reel** packaging, which is essential for automated pick-and-place machines in high-volume PCB assembly. --- ## 3. Circuit Application In a circuit schematic, the CVR1-DJ-R acts as a voltage divider or a rheostat. ```text (1) Pin ---[ Fixed Resistance ]--- (3) Pin ^ | (2) Pin (Wiper) ``` **Common Uses:** 1. **LCD Contrast Adjustment:** Tuning the voltage supplied to a display. 2. **Sensor Calibration:** Adjusting the gain of an operational amplifier. 3. **Frequency Tuning:** Fine-tuning RC oscillators. --- ## 4. Part Number Breakdown (Generic) | Segment | Meaning | | :--- | :--- | | **CVR** | Chip Variable Resistor | | **1** | Size Code (usually 3mm) | | **DJ** | Terminal/Shape configuration | | **R** | Packaging (Reel) |
    ✨ Follow-up Questions
    • ⤷ What are the common resistance values available for the CVR1 series?
    • ⤷ Can this component be used in high-power applications?
    • ⤷ What is the difference between the CVR1 and CVR4 series?