CY22381SI-RBIT
AI

The **CY22381SI-RBIT** is a high-performance, programmable clock generator manufactured by Skyworks Solutions (formerly part of Cypress Semiconductor). It is designed to provide multiple clock frequencies from a single reference crystal, making it essential for complex digital systems.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Function** | Three-PLL Programmable Clock Generator |
| **Input Frequency** | 8 MHz to 30 MHz (Crystal or Reference Clock) |
| **Output Frequency** | Up to 200 MHz |
| **Operating Voltage** | 3.3V (Typical) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Package** | 8-pin SOIC (Small Outline Integrated Circuit) |
| **Interface** | I2C Programmable |
---
### 2. Core Functional Parts
#### A. Phase-Locked Loops (PLLs)
The device contains **three internal PLLs**. These are the "engines" that multiply or divide the input reference frequency to generate specific, stable output frequencies. Having three PLLs allows the chip to generate multiple unrelated frequencies simultaneously.
#### B. Programmable Outputs
The chip features three programmable clock outputs (CLK1, CLK2, CLK3). Each output can be configured to a different frequency, or they can share frequencies depending on the system requirement.
#### C. Non-Volatile Memory (EEPROM)
The "RBIT" designation often refers to the internal memory configuration. The device uses EEPROM to store configuration settings. This means that once programmed, the chip will always boot up with the correct frequency settings without needing a microcontroller to reconfigure it every time.
---
### 3. Part Number Breakdown (Nomenclature)
To understand the specific electronic properties, we can break down the suffix:
* **CY22381**: The base part family (Three-PLL Clock Generator).
* **S**: Package type (SOIC).
* **I**: Industrial Temperature range (-40°C to 85°C).
* **RB**: Often signifies a specific factory-programmed "ROM Block" or custom configuration.
* **IT**: "I" for Industrial and "T" for Tape and Reel packaging.
---
### 4. Application Logic Example
In a typical system, the CY22381 acts as a "Frequency Synthesizer." Below is a simplified representation of how its internal logic might be addressed via code (if using a dynamic I2C interface):
```cpp
// Pseudocode for setting a clock output via I2C
void setClockFrequency(int outputPin, long frequency) {
// 1. Calculate Multipliers and Dividers for the PLL
// 2. Open I2C communication to CY22381 address
// 3. Write frequency configuration bytes to internal EEPROM/Registers
// 4. Trigger "Update" bit to apply changes
}
```
---
### 5. Common Use Cases
1. **Networking Equipment:** Providing synchronized clocks for Ethernet controllers and CPUs.
2. **Consumer Electronics:** Generating audio and video sample rates from a single master crystal.
3. **Industrial Controllers:** Ensuring stable timing for microprocessors in harsh environments.
- ⤷
What is the difference between the CY22381 and the CY22391 models?
- ⤷ Can the CY22381 be reprogrammed multiple times in-system?
- ⤷ How does the 'Industrial' grade rating affect its performance compared to commercial versions?