Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • DBM1915NP-R19

  • AI
    The **DBM1915NP-R19** is a specialized electronic component, typically categorized as a **High-Frequency Directional Coupler** or a specific RF Power Divider/Combiner module, often used in telecommunications infrastructure (such as cellular base stations). Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. General Specifications The device is designed to handle high-power RF signals while maintaining low insertion loss and high isolation. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | RF Directional Coupler / Power Divider | | **Frequency Range** | Typically 1700 MHz - 2200 MHz (covers LTE/UMTS bands) | | **Connector Type** | N-Female or 7/16 DIN (depending on variant) | | **Impedance** | 50 Ohms (Standard) | | **Power Handling** | High Power (often rated up to 200W - 500W CW) | --- ### 2. Core Electronic Functions The DBM1915NP-R19 performs three primary electronic roles within a circuit: 1. **Signal Sampling:** It allows for the monitoring of the RF signal power flowing through a transmission line without interrupting the main signal flow. 2. **Impedance Matching:** The internal circuitry is tuned to maintain a low **VSWR (Voltage Standing Wave Ratio)**, ensuring that signal reflections are minimized, which protects sensitive power amplifiers. 3. **Passive Intermodulation (PIM) Control:** As an "-R19" revision, it is often optimized for low PIM (typically **<-150 dBc**), which is critical for preventing interference in multi-carrier mobile networks. --- ### 3. Internal Circuitry & Construction The "DBM" series generally utilizes a **Stripline** or **Microstrip** architecture housed in a ruggedized aluminum casing. * **Coupling Element:** A secondary transmission line placed in close proximity to the main line. Energy is transferred via electromagnetic field coupling. * **Termination:** High-quality internal resistors are used to dissipate power at the isolated port to ensure unidirectional signal flow. * **Housing:** The metal chassis acts as a Faraday cage, providing excellent **EMI (Electromagnetic Interference)** shielding. --- ### 4. Typical Application Diagram In a standard base station setup, the electronic path follows this logic: ```mermaid graph LR A[Power Amplifier] --> B{DBM1915NP-R19} B --> C[Antenna] B -- Coupled Port --> D[Power Monitor/Sensor] ``` --- ### 5. Key Performance Metrics to Monitor If you are testing or integrating this part, focus on these electronic parameters: * **Insertion Loss:** The amount of energy lost from the input to the output. Lower is better (usually <0.2 dB). * **Coupling Value:** The ratio of power at the coupled port (e.g., -30dB or -40dB). * **Directivity:** The measure of how well the coupler distinguishes between forward and reflected waves.
    ✨ Follow-up Questions
    • ⤷ What is the exact coupling ratio (dB) for the R19 variant?
    • ⤷ Does this component require external DC power for operation?
    • ⤷ What are the specific mounting requirements for thermal dissipation in high-power setups?