DFE252010F-R47M
AI

The **DFE252010F-R47M** is a fixed metal alloy inductor designed for power circuits, primarily used in mobile devices and compact electronics. It belongs to the DFE series manufactured by **Murata Electronics**.
---
### 1. Technical Specifications
The following table outlines the primary electrical and physical characteristics of the component:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Inductance** | 0.47 µH | ±20% Tolerance |
| **Rated Current (Isat)** | 4.8 A | Based on Inductance Change (Max) |
| **Rated Current (Itemp)** | 3.7 A | Based on Temperature Rise (Max) |
| **DC Resistance (DCR)** | 26 mΩ | Max resistance (typical 21 mΩ) |
| **Case Code** | 1008 (2520 Metric) | 2.5mm x 2.0mm x 1.0mm |
| **Operating Temp** | -40°C to +125°C | Includes self-heating |
| **Construction** | Metal Alloy | Magnetic Shielded |
---
### 2. Breakdown of the Part Number
The alphanumeric code provides specific details about the component's construction:
* **DFE**: Series Name (Metal alloy type, high current handling).
* **2520**: Dimensions (2.5mm length × 2.0mm width).
* **10**: Height (1.0mm maximum).
* **F**: Internal manufacturing code (Standard suffix).
* **R47**: Inductance value (R represents the decimal point: 0.47 microhenries).
* **M**: Tolerance (M = ±20%).
---
### 3. Key Features and Advantages
* **High Current Capability:** Due to the metal alloy powder core, it handles higher saturation currents than traditional ferrite inductors of the same size.
* **Magnetic Shielding:** The molded construction minimizes electromagnetic interference (EMI), which is critical for densely packed circuit boards.
* **Low DC Resistance:** Minimizes power loss and heat generation, increasing overall battery life in portable devices.
* **Soft Saturation:** Unlike ferrite cores that drop inductance sharply when overloaded, metal alloy cores provide a gradual "soft" saturation curve.
---
### 4. Typical Applications
The DFE252010F-R47M is optimized for **DC-DC conversion** in high-performance electronics:
* **Smartphone PMICs:** Power management integrated circuits for CPUs and GPUs.
* **Wearables:** Smartwatches and fitness trackers requiring low-profile components.
* **Laptops/Tablets:** Voltage regulator modules (VRMs).
* **SSD Controllers:** Powering high-speed data storage units.
- ⤷How does the metal alloy core compare to a standard ferrite core?
- ⤷ What is the difference between Isat and Itemp in inductor datasheets?
- ⤷ Can this inductor be used in automotive applications?