DFE252010F-R68M
AI

The **DFE252010F-R68M** is a high-performance, miniature power inductor manufactured by **Murata Electronics**. It belongs to the DFE series, which is specifically designed for high-current applications in compact electronic devices like smartphones, tablets, and wearable tech.
---
### 1. Key Technical Specifications
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Inductance** | 0.68 µH | Rated at 1MHz |
| **Tolerance** | ±20% (M) | Standard industry tolerance |
| **DC Resistance (DCR)** | 35 mΩ (Max) | Lower DCR improves efficiency |
| **Rated Current (Isat)** | 4.4 A | Based on 30% inductance drop |
| **Rated Current (Itemp)** | 3.5 A | Based on 40°C temperature rise |
| **Case Size** | 2520 (Metric) | 2.5mm x 2.0mm |
| **Height** | 1.0 mm (Max) | Low-profile design |
---
### 2. Component Construction
The DFE series utilizes a **metal alloy powder core** rather than traditional ferrite. This construction provides several advantages:
* **Magnetic Shielding:** The molded structure naturally shields the component, reducing Electromagnetic Interference (EMI) with surrounding components.
* **Soft Saturation Characteristics:** Unlike ferrite inductors that drop inductance sharply when current increases, this metal alloy core loses inductance gradually, making the circuit more stable under heavy loads.
* **High Current Density:** The 2520 footprint combined with metal powder allows it to handle significantly higher currents than standard multilayer ceramic inductors of the same size.
---
### 3. Applications and Use Cases
This specific part is primarily used in **DC-DC Converter** circuits. Common applications include:
1. **Mobile Communication:** Voltage regulator modules (VRM) for CPUs and GPUs in smartphones.
2. **Power Management Integrated Circuits (PMICs):** Used as the energy storage element in switching regulators.
3. **IoT Devices:** Ideal for small-form-factor devices requiring high efficiency to preserve battery life.
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in selecting alternatives:
* **DFE:** Series Name (Metal Alloy Inductor).
* **2520:** Dimensions (2.5mm x 2.0mm).
* **10:** Maximum thickness (1.0mm).
* **F:** Packaging/Process Code.
* **R68:** Inductance value ($0.68\mu H$).
* **M:** Tolerance ($\pm 20\%$).
- ⤷
What are the main advantages of metal alloy cores over ferrite cores in power inductors?
- ⤷ How does the 'Isat' rating affect the choice of inductor for a switching regulator?
- ⤷ What are some direct competitors or equivalent parts to the Murata DFE series?