DFE252010F-R82M
AI

The **DFE252010F-R82M** is a fixed, metal-alloy core inductor designed for power circuits. It is manufactured by **Murata Electronics** (formerly Toko). This specific component belongs to the DFE252010F series, which is known for its compact size and high current handling capabilities.
---
### 1. Component Specifications
The following table outlines the primary electrical and physical characteristics:
| Parameter | Value / Specification |
| :--- | :--- |
| **Inductance** | 0.82 µH |
| **Tolerance** | ±20% (M) |
| **DC Resistance (DCR)** | 48 mΩ (Max) / 38 mΩ (Typ) |
| **Rated Current (Isat)** | 3.8 A (Based on Inductance change) |
| **Rated Current (Itemp)** | 3.1 A (Based on Temperature rise) |
| **Operating Temperature** | -40°C to +125°C |
| **Dimensions (L x W x H)** | 2.5 x 2.0 x 1.0 mm |
| **Case Size (EIA)** | 1008 |
---
### 2. Key Features and Construction
* **Metal Alloy Core:** Unlike traditional ferrite inductors, the metal alloy core provides superior "soft saturation" characteristics. This means the inductance drops gradually as current increases, rather than dropping sharply.
* **Magnetic Shielding:** The construction is magnetically shielded, which reduces electromagnetic interference (EMI) and prevents the inductor from affecting nearby sensitive components on the PCB.
* **Low Profile:** With a height of only 1.0 mm, it is ideal for ultra-thin electronic devices like smartphones and wearables.
---
### 3. Part Number Breakdown
The part number follows a specific nomenclature:
| Segment | Meaning |
| :--- | :--- |
| **DFE** | Series Name (Metal Alloy Type) |
| **2520** | Dimensions (2.5mm x 2.0mm) |
| **10** | Height (1.0mm) |
| **F** | Internal Construction Code |
| **R82** | Inductance Value (R82 = 0.82 µH) |
| **M** | Tolerance (M = ±20%) |
---
### 4. Common Applications
Due to its high efficiency and small footprint, this inductor is typically used in:
1. **DC-DC Converters:** Point-of-Load (POL) modules for mobile devices.
2. **Smartphones & Tablets:** Power management integrated circuits (PMIC).
3. **Laptops:** Small-sized voltage regulator modules.
4. **IoT Devices:** Compact battery-powered sensors requiring efficient power conversion.
- ⤷
What is the difference between Isat and Itemp for this inductor?
- ⤷ Are there automotive-grade (AEC-Q200) versions of the DFE series?
- ⤷ How does the metal alloy core compare to a standard ferrite core in terms of EMI?