DFE252012F-R47M
AI

The **DFE252012F-R47M** is a fixed metal alloy inductor manufactured by Murata Electronics. It is part of the DFE series, specifically designed for power circuits where space is limited and high efficiency is required.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical and physical characteristics of the component:
| Parameter | Value | Notes |
| :--- | :--- | :--- |
| **Inductance** | 0.47 µH | ±20% Tolerance |
| **DC Resistance (DCR)** | 18 mΩ (Max) | Very low for high efficiency |
| **Rated Current (Isat)** | 5.3 A | Based on inductance change |
| **Rated Current (Itemp)** | 4.4 A | Based on temperature rise |
| **Case Size (Metric)** | 2520 (2.5mm x 2.0mm) | Ultra-compact footprint |
| **Height** | 1.2 mm (Max) | Low profile |
| **Core Material** | Metal Alloy | Magnetic powder type |
---
### 2. Breakdown of the Part Number
The alphanumeric code follows Murata's specific naming convention:
1. **DFE**: Series Name (Metal alloy core, low profile).
2. **2520**: Dimensions (2.5mm length x 2.0mm width).
3. **12**: Maximum height (1.2mm).
4. **F**: Internal manufacturing code.
5. **R47**: Inductance value (R = decimal point; 0.47 µH).
6. **M**: Tolerance (M = ±20%).
---
### 3. Core Features and Advantages
* **Metal Alloy Construction:** Unlike traditional ferrite inductors, the metal alloy core provides a **soft saturation** characteristic. This means the inductance drops gradually as current increases, rather than dropping sharply, which prevents circuit instability.
* **High Current Handling:** Due to the magnetic powder density, it can handle significantly higher currents in a smaller package compared to ferrite counterparts.
* **Low Magnetic Leakage:** The molded construction minimizes electromagnetic interference (EMI), which is critical in dense PCB layouts.
* **AEC-Q200 Qualified:** Generally suitable for automotive applications (though specific datasheets should be checked for the exact grade).
---
### 4. Common Applications
This inductor is primarily used in DC-DC converters for power management in portable electronics:
* **Smartphones & Tablets:** Ideal for CPU/GPU core power rails.
* **SSD Storage:** Used in power stages for high-speed data drives.
* **Wearables:** Its low profile (1.2mm) makes it perfect for thin devices.
* **IoT Modules:** High efficiency helps extend battery life.
- ⤷
What is the difference between soft saturation in metal alloys versus hard saturation in ferrite?
- ⤷ How does the DCR of this part affect the thermal performance of a DC-DC converter?
- ⤷ What are the recommended soldering footprints for a 2520 metric inductor?