DM05CC151DO3-SA-R02
AI

Based on the part number **DM05CC151DO3-SA-R02**, this component belongs to the **Mica Capacitor** family, typically manufactured by **Cornell Dubilier (CDE)**. These capacitors are known for their high stability, low loss, and reliability in RF applications.
---
### ## Technical Specifications
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Capacitance** | 150 pF | Indicated by "151" (15 x 10^1) |
| **Tolerance** | ±0.5 pF | Indicated by "D" |
| **Voltage Rating** | 500 VDC | Standard for DM05 series |
| **Dielectric** | Silver Mica | Excellent for high-frequency stability |
| **Package Type** | Radial Leaded | Standard dipped epoxy coating |
| **Temperature Range** | -55°C to +125°C | Military/Industrial grade |
---
### ## Detailed Part Number Breakdown
Understanding the nomenclature helps identify the exact physical and electrical properties:
1. **DM05**: Refers to the case size and style. "05" is a standard small-footprint dipped mica housing.
2. **CC**: Indicates the characteristic/temperature coefficient (standard for CDE mica).
3. **151**: The capacitance code. The first two digits (15) are significant, and the third (1) is the multiplier.
4. **D**: The tolerance code. For values below 10pF, it usually means ±0.5pF; for values above, it represents a very tight percentage tolerance.
5. **O3**: Typically relates to the lead spacing and lead material (e.g., copper-clad steel).
6. **SA-R02**: These are suffix codes for specific packaging (like Ammo Pack or Tape & Reel) and RoHS compliance/revision status.
---
### ## Key Features and Applications
#### Features
* **High Q Factor**: Very low losses at radio frequencies.
* **High Stability**: Capacitance changes very little over time or with temperature fluctuations.
* **Voltage Withstand**: High dielectric strength relative to its small size.
#### Common Applications
* **RF Oscillators**: Used in tuning circuits where frequency drift must be minimized.
* **Filter Networks**: Excellent for high-precision low-pass or high-pass filters.
* **Pulse Circuits**: Can handle high $dv/dt$ (rate of voltage change) without degradation.
* **Audio Equipment**: Sometimes used in high-end audio for its linear characteristics.
---
- ⤷
What are the lead spacing dimensions for the DM05 case size?
- ⤷ Can this mica capacitor be substituted with a C0G/NP0 ceramic capacitor?
- ⤷ Is this specific part number RoHS compliant?