Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • DM05CY151DO3-SA-R02

  • AI
    Based on the technical nomenclature, the **DM05CY151DO3-SA-R02** appears to be a specialized **Mica Capacitor** manufactured by **Soshin Electric**. These components are known for high stability, precision, and low loss in high-frequency circuits. --- ## Technical Specifications Breakdown The part number follows a specific coding convention. Below is a breakdown of the likely technical parameters: | Feature | Value / Description | Details | | :--- | :--- | :--- | | **Type** | Mica Capacitor | High-stability dielectric material. | | **Capacitance** | **150 pF** (151) | Code "151" = 15 followed by one zero. | | **Tolerance** | **±0.5pF** or **±5%** | Likely "D" or "J" class depending on the series. | | **Voltage Rating** | **50V - 500V** | Standard range for the DM05 series. | | **Case Style** | **DM05** | Dipped radial leaded package. | | **RoHS Status** | Compliant | Indicated by the suffix codes (R02). | --- ## Key Characteristics ### 1. Stability and Precision Mica capacitors are chosen for their excellent temperature coefficient. They exhibit very little change in capacitance over a wide range of operating temperatures, making them ideal for timing and oscillator circuits. ### 2. High Q Factor These parts have extremely low dielectric loss (High Q). This means they do not dissipate much energy as heat, even when operating at high frequencies (RF). ### 3. Reliability Unlike electrolytic or some ceramic capacitors, mica capacitors do not age significantly. They maintain their value for decades and are resistant to "voltage soaking" (dielectric absorption). --- ## Common Applications * **RF Oscillators:** Used to set frequency in radio transmitters and receivers. * **Filter Networks:** Critical for sharp cutoff frequencies in tuned circuits. * **Snubber Circuits:** Protection in high-speed switching power supplies. * **Audio Equipment:** Used in high-end audio for minimal signal distortion. --- ## Comparison with Ceramic Capacitors | Feature | Mica (DM05 Series) | Ceramic (MLCC) | | :--- | :--- | :--- | | **Stability** | Excellent | Varies (High for NP0/C0G) | | **Self-Inductance** | Low | Very Low | | **Longevity** | Very High | High | | **Size** | Larger (Leaded) | Smaller (SMD) |
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the DM05 series?
    • ⤷ Can this capacitor be replaced with a C0G/NP0 ceramic equivalent?
    • ⤷ What does the 'SA' suffix specifically denote in Soshin part numbers?