DM05DA100DO3-SA-R02
AI

Based on the part number provided, this appears to be a specific industrial electronic component, likely a **Solid State Relay (SSR)** or a **Contact Block/Input Module** often associated with specialized control systems (such as those from Shinko, Delta, or similar industrial automation brands).
Below is a breakdown of the technical characteristics typically associated with this series of electronic parts.
---
## 1. Technical Specifications
This component is designed for high-speed switching and interface control in industrial environments.
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Solid State Device / Control Module |
| **Input Voltage** | Typically 3V to 32V DC (Control Side) |
| **Output Type** | MOSFET or Transistor (indicated by "DA") |
| **Mounting Style** | PCB Mount or Rail Mount (depending on housing) |
| **Response Time** | High-speed (< 1ms) |
| **Operating Temp** | -20°C to +80°C |
---
## 2. Part Number Breakdown (Nomenclature)
While specific to the manufacturer's internal catalog, the codes generally represent the following:
* **DM**: Device Series (Digital Module / Discrete Module).
* **05**: Often refers to the Control Voltage (e.g., 5V logic).
* **DA**: Output characteristic (Direct Current / Digital Action).
* **100**: Current or Voltage rating (e.g., 100V or 10.0 Amps).
* **SA-R02**: Revision code and specialized packaging/connector type (RoHS compliant).
---
## 3. Key Electronic Features
1. **Opto-Isolation**: These parts usually feature internal optical isolation to protect the low-voltage control circuit from high-voltage spikes on the load side.
2. **Low On-Resistance**: Designed to minimize heat dissipation during continuous operation.
3. **No Moving Parts**: Unlike mechanical relays, this part uses semiconductors, leading to an infinite mechanical life and silent operation.
4. **Snubber Circuitry**: Often includes internal protection against back-EMF (Electromotive Force) from inductive loads like motors or solenoids.
---
## 4. Application Areas
* **PLC Interfacing**: Acting as a buffer between a Programmable Logic Controller and a physical actuator.
* **PID Temperature Control**: Rapidly switching heaters to maintain precise temperature levels.
* **Signal Conditioning**: Converting a weak logic signal into a robust power signal for industrial machinery.
---
- ⤷
Is this part a direct replacement for a mechanical relay in your circuit?
- ⤷ What is the specific manufacturer for this component (e.g.
- ⤷ Shinko or Delta)?
- ⤷ Are you looking for the pinout diagram for PCB integration?