DM05DA151JO3-SA-R02
AI

The part number **DM05DA151JO3-SA-R02** refers to a high-precision **Mica Capacitor**. These components are widely used in RF (Radio Frequency) and high-frequency applications due to their exceptional stability and low loss.
---
### 1. Technical Specifications
Below is a breakdown of the typical technical parameters for this specific part series:
| Parameter | Value / Specification |
| :--- | :--- |
| **Capacitance** | 150 pF (151 code) |
| **Tolerance** | ±5% (J code) |
| **Voltage Rating** | 500V DC |
| **Dielectric Material** | Silver Mica |
| **Operating Temperature** | -55°C to +125°C |
| **Termination Style** | Radial Leaded |
| **Case Style** | Dipped Mica (Size DM05) |
---
### 2. Part Number Breakdown
The alphanumeric code provides specific details about the component's construction:
* **DM05:** Refers to the physical package size and body dimensions (Standard Dipped Mica size).
* **DA:** Indicates the voltage rating (commonly associated with 500V in this series).
* **151:** The capacitance value. `15` + `1` zero = **150pF**.
* **J:** Tolerance code. `J` stands for **±5%**.
* **O3:** Specific lead spacing or manufacturing internal code.
* **SA:** Typically denotes the lead finish or specific coating (e.g., Solderable).
* **R02:** Packaging or Revision suffix (often refers to Bulk or Tape & Reel specifics).
---
### 3. Key Characteristics and Applications
#### Key Characteristics
* **High Stability:** Extremely low capacitance change over time and temperature.
* **Low Dissipation:** Excellent "Q" factor, making them ideal for filter circuits.
* **Precision:** Mica is a natural mineral that allows for very tight tolerances compared to ceramic capacitors.
* **Voltage Endurance:** Designed to handle high-voltage pulses without degradation.
#### Common Applications
1. **RF Oscillators:** Used to maintain frequency stability in radio transmitters.
2. **Tuned Circuits:** Ideal for LC (Inductor-Capacitor) resonance tanks.
3. **Coupling/Decoupling:** Used in high-frequency signal paths where low distortion is required.
4. **Military & Aerospace:** Used in legacy and high-reliability communications equipment.
---
### 4. Comparisons
| Feature | Mica (DM05) | Ceramic (MLCC) |
| :--- | :--- | :--- |
| **Stability** | Excellent | Varies (X7R/Y5V are poor) |
| **Voltage Range** | Generally High (500V+) | Wide range |
| **Size** | Larger (Leaded) | Extremely Small (SMD) |
| **Cost** | High | Low |
- ⤷
What are the equivalent alternatives if this specific part is out of stock?
- ⤷ How does the temperature coefficient of mica compare to C0G/NP0 ceramics?
- ⤷ What are the physical dimensions of a DM05 case size?