DM05DY102JO3-SA-R02
AI

The part number **DM05DY102JO3-SA-R02** refers to a high-precision **Mica Capacitor**, typically manufactured by CDE (Cornell Dubilier) or similar specialized manufacturers. These components are renowned for their stability, low loss, and reliability in RF (Radio Frequency) applications.
---
### 1. Technical Specifications Breakdown
The alphanumeric code provides specific details about the component's construction and performance:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Series/Type** | DM05 | Miniature Dipped Mica Capacitor (standard size code). |
| **Temperature Coeff.** | DY | Characteristic Y (Operating range -55°C to +125°C). |
| **Capacitance** | 102 | 1000 pF (10 followed by two zeros). |
| **Tolerance** | J | ±5% (standard precision for mica). |
| **Voltage Rating** | O3 | Typically represents 300V or 500V DC (varies by manufacturer series). |
| **Packaging/Form** | SA-R02 | Specific lead spacing and tape/reel or bulk packaging code. |
---
### 2. Key Characteristics of Mica Capacitors
Mica capacitors differ significantly from standard ceramic or electrolytic capacitors:
* **High Stability:** The capacitance value remains extremely stable over time and across varying temperatures and voltages.
* **Low Dissipation Factor:** They exhibit very low losses, making them ideal for high-frequency circuits where heat generation must be minimized.
* **High Precision:** With a tolerance of ±5% (J), these are used where exact values are critical.
* **Voltage Withstanding:** They handle high voltage and "dV/dt" (rate of voltage change) pulses without degrading.
---
### 3. Common Applications
Due to the "102" (1000pF) value and high-stability nature, this part is commonly found in:
1. **RF Oscillation Circuits:** Ensuring frequency stability in transmitters and receivers.
2. **Filter Networks:** Used in low-pass, high-pass, and band-pass filters where sharp cut-off points are required.
3. **Snubber Circuits:** Protecting semiconductors from voltage spikes in power supplies.
4. **Audio Equipment:** High-end audio gear uses mica for its "transparent" sound profile and low distortion.
---
### 4. Schematic Representation
In a circuit diagram, it is represented as a non-polarized capacitor:
```markdown
C1 (1000pF)
----||----
Mica
```
- ⤷
What are the main advantages of using mica over ceramic (MLCC) capacitors?
- ⤷ Can you explain the meaning of the 'Characteristic Y' temperature coefficient?
- ⤷ What are the typical lead spacing dimensions for the DM05 series?