DM05DY151JO3-RHR02
AI

The part number **DM05DY151JO3-RHR02** refers to a high-precision, high-reliability **Silver Mica Capacitor**. These components are frequently used in RF (Radio Frequency) circuits and high-precision timing applications due to their exceptional stability.
---
### 1. Technical Specifications
Below are the primary electrical and physical characteristics of this component:
| Characteristic | Specification |
| :--- | :--- |
| **Capacitance** | 150 pF (Picofarads) |
| **Tolerance** | ±5% (indicated by 'J') |
| **Voltage Rating** | 500V DC |
| **Dielectric Material** | Silver Mica |
| **Operating Temperature** | -55°C to +125°C |
| **Termination Style** | Radial Leaded |
| **Case Type** | Dipped (Epoxy coated) |
---
### 2. Breakdown of the Part Number
While specific manufacturer codes vary, the typical nomenclature for this series breaks down as follows:
* **DM05:** Refers to the physical case size and style (Standard dipped mica).
* **DY:** Temperature coefficient and characteristic code.
* **151:** The capacitance value. The first two digits are significant figures (15), and the third is the multiplier ($10^1$). Result: 150 pF.
* **J:** Tolerance code (±5%).
* **O3:** Voltage rating code (typically 500V for this series).
* **RHR02:** Packaging or specific compliance code (e.g., RoHS compliance or high-reliability screening).
---
### 3. Key Features & Advantages
Silver Mica capacitors are chosen over ceramic or electrolytic types for specific reasons:
1. **High Precision:** They offer very tight tolerances and extremely low drift over time.
2. **Temperature Stability:** The capacitance changes very little across a wide range of temperatures.
3. **Low Losses:** They have a very high Q factor (Quality factor) and low ESR (Equivalent Series Resistance), making them ideal for high-frequency filters.
4. **Voltage Handling:** They are robust against high-voltage spikes compared to standard ceramic MLCCs.
---
### 4. Common Applications
* **RF Oscillators:** Used to maintain stable frequencies in radio transmitters.
* **Filtering Circuits:** High-Q filters for audio and radio equipment.
* **Pulse Power:** Circuits requiring rapid discharge with high reliability.
* **Calibration Standards:** Used in test equipment due to their long-term stability.
- ⤷
What are the main differences between Silver Mica and Ceramic capacitors?
- ⤷ How do I interpret the '151' capacitance code on other components?
- ⤷ Are there specific soldering requirements for dipped mica capacitors?