DM05DY151JO3-SA-R02
AI

The part number **DM05DY151JO3-SA-R02** refers to a high-precision **Mica Capacitor** typically manufactured by companies like Cornell Dubilier (CDE). These components are known for their extreme stability, low loss, and reliability in RF (Radio Frequency) circuits.
### Component Breakdown
The alphanumeric code provides specific details regarding its electrical characteristics and physical build:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Series** | DM05 | Miniature dipped mica capacitor style. |
| **Capacitance** | 151 | 150 pF (15 followed by 1 zero). |
| **Tolerance** | J | ±5% (Standard precision for mica). |
| **Voltage** | O3 | Typically represents 300V or 500V DC (Series dependent). |
| **Characteristic** | D / Y | Temperature coefficient and drift specifications. |
| **Termination** | SA-R02 | Specific lead type, spacing, and RoHS compliance status. |
---
### Key Technical Features
1. **Dielectric Material:** Uses Natural Muscovite Mica. Unlike ceramic, mica does not age and has a very low temperature coefficient.
2. **Stability:** It offers excellent "retrace" characteristics, meaning the capacitance returns to its original value after temperature cycling.
3. **Frequency Response:** Excellent performance at high frequencies (VHF/UHF) due to low inductance and low ESR (Equivalent Series Resistance).
4. **Durability:** Dipped in epoxy resin to provide humidity resistance and mechanical ruggedness.
### Typical Applications
* **RF Oscillators:** Used to maintain a steady frequency despite temperature changes.
* **Filter Networks:** High-Q circuits where precise signal filtering is required.
* **Snubber Circuits:** In low-power pulse applications where low loss is critical.
* **Tuning Circuits:** Found in radio transmitters and high-end audio equipment.
---
### Comparison with Ceramic Capacitors
| Feature | Mica (DM05) | Ceramic (MLCC) |
| :--- | :--- | :--- |
| **Stability** | Very High | Low to Moderate (except C0G) |
| **Aging** | No aging effect | Capacitance decreases over time |
| **Voltage Coefficient**| Negligible | Can lose capacity under load |
| **Cost** | Higher | Lower |
- ⤷
What is the temperature range for DM05 series mica capacitors?
- ⤷ Can this capacitor be used in power supply filtering?
- ⤷ What are the common lead spacing options for SA-R02 variants?