DM05EC100DO3-ST-R02
AI

The part number **DM05EC100DO3-ST-R02** refers to a high-precision **Mica Capacitor** manufactured by CDE (Cornell Dubilier Electronics). These capacitors are renowned for their stability, high reliability, and low loss at high frequencies.
---
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Capacitance** | 10 pF (Picofarads) |
| **Tolerance** | ±0.5 pF (indicated by the "D" code) |
| **Voltage Rating** | 300V or 500V (Standard for DM05 series) |
| **Dielectric Material** | Silver Mica |
| **Operating Temperature** | -55°C to +125°C |
| **Termination Style** | Radial Leaded |
| **Case Size** | DM05 (Miniature size) |
---
### 2. Detailed Breakdown of Part Number
* **DM05**: Represents the physical size and style (Miniature Radial Mica).
* **EC**: Temperature coefficient and dielectric characteristic code.
* **100**: The capacitance value (10 with 0 zeros = 10pF).
* **D**: Tolerance code (±0.5pF).
* **O3**: Voltage rating indicator.
* **ST**: Special internal processing or lead style (Straight leads).
* **R02**: RoHS compliance and packaging revision.
---
### 3. Key Characteristics
* **High Stability:** Mica capacitors have extremely low capacitance drift over time and temperature.
* **Low Dissipation:** They exhibit a very high Q factor, making them ideal for RF (Radio Frequency) applications.
* **Precision:** The "D" tolerance (±0.5pF) ensures the part is highly accurate for tuning circuits.
* **Durability:** Mica is chemically inert and does not age like ceramic or electrolytic dielectrics.
---
### 4. Typical Applications
1. **RF Oscillators:** Used in high-frequency signal generation where frequency stability is critical.
2. **Filter Networks:** Essential for band-pass and low-pass filters in telecommunications.
3. **Snubber Circuits:** Used in high-voltage pulse applications due to their ability to handle dV/dt stress.
4. **Calibration Equipment:** Employed in laboratory instruments requiring precise capacitance standards.
- ⤷What is the difference between a mica capacitor and a ceramic NPO capacitor?
- ⤷ Does this part number support automated surface mount assembly?
- ⤷ What are the specific dimensions of the DM05 case size?