DM05EY102JO3-ST-R02
AI

The part number **DM05EY102JO3-ST-R02** refers to a high-precision **Mica Capacitor** manufactured by CDE (Cornell Dubilier Electronics). These capacitors are renowned for their stability, high reliability, and low loss at high frequencies.
---
## 1. Technical Specification Breakdown
The alphanumeric code provides specific details about the capacitor's electrical characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Series** | DM05 | Miniature dipped mica capacitor series. |
| **Temperature Coeff.** | EY | Characteristic E (-20 to +100 ppm/°C). |
| **Capacitance** | 102 | 1,000 pF (10 followed by 2 zeros). |
| **Tolerance** | J | ±5% (Standard precision for mica). |
| **Voltage Rating** | O3 | 300 VDC (Working voltage). |
| **Operating Temp.** | -55°C to +125°C | Military/Industrial grade range. |
---
## 2. Key Physical Properties
### Material: Silver Mica
Mica is a natural mineral that is chemically inert, non-oxidizing, and physically stable. The "Silver Mica" design involves printing silver electrodes directly onto mica sheets, which are then stacked and encapsulated in an epoxy resin.
### Features
* **High Q Factor:** Extremely low dissipation factor, making it ideal for RF (Radio Frequency) applications.
* **Precision:** Very tight capacitance stability over time and temperature.
* **Non-Inductive:** The construction minimizes internal inductance.
---
## 3. Common Applications
Due to its high stability and voltage rating, this part is typically used in:
1. **RF Circuits:** Tuning circuits, oscillators, and filters where frequency stability is critical.
2. **Transmission:** Used in ham radio gear and commercial broadcasting equipment.
3. **Pulse Circuits:** High-speed snubber or timing circuits.
4. **Audio Equipment:** High-end vacuum tube amplifiers where low noise and high voltage handling are required.
---
## 4. Comparison with Other Dielectrics
| Feature | Silver Mica (DM05) | Ceramic (MLCC) | Film Capacitor |
| :--- | :--- | :--- | :--- |
| **Stability** | Excellent | Poor (X7R) to Good (C0G) | Moderate |
| **High Frequency** | Superior | Good | Moderate |
| **Size** | Larger | Very Small | Large |
| **Cost** | High | Low | Moderate |
- ⤷
What are the mounting dimensions for the DM05 series?
- ⤷ Can this capacitor be used in AC power applications?
- ⤷ What is the difference between Characteristic E and Characteristic F in mica capacitors?