AI

The part number **DM05EY151DO3-SA-R02** refers to a high-precision **Mica Capacitor**, typically manufactured by companies like **Cornell Dubilier (CDE)** or similar specialty passive component manufacturers. These capacitors are renowned for their stability, low loss, and high reliability in RF and precision timing circuits.
---
## 1. Technical Specifications
The part number is an alphanumeric code representing the physical and electrical characteristics of the component.
| Specification | Value / Description |
| :--- | :--- |
| **Component Type** | Silver Mica Capacitor |
| **Capacitance** | 150 pF (Picofarads) |
| **Tolerance** | ±0.5 pF (Indicated by 'D') |
| **Voltage Rating** | 500V DC (Standard for DM05 series) |
| **Temperature Range** | -55°C to +125°C |
| **Case Style** | Dipped Mica (Radial Leads) |
| **Case Size** | DM05 (Smallest standard size) |
---
## 2. Component Breakdown
The nomenclature can be broken down as follows:
* **DM05**: Refers to the physical case size and style (Dipped Mica, Size 05).
* **EY**: Indicates the characteristic/temperature coefficient (stability over temperature).
* **151**: The capacitance code. The first two digits are significant (15), and the third is the multiplier ($10^1$). $15 \times 10 = 150\text{ pF}$.
* **D**: The tolerance code. For values below 10pF, it means ±0.5pF; for higher values, it usually indicates a very tight precision percentage.
* **O3**: Internal manufacturer designator for lead spacing or finish.
* **SA-R02**: RoHS compliance markers and packaging variations (e.g., bulk vs. tape).
---
## 3. Key Electronic Characteristics
Mica capacitors like the DM05 series are chosen over ceramic or electrolytic types for specific electronic reasons:
### A. High Stability
Mica is a natural mineral that does not change dimensionally or electrically with age. This ensures the capacitance remains exactly 150pF for decades.
### B. Low Dissipation Factor (High Q)
They have extremely low losses at high frequencies. This makes them ideal for **RF (Radio Frequency)** applications where "Quality Factor" (Q) is critical to filter sharpness.
### C. Precision Tolerance
With a "D" tolerance (±0.5 pF), this part is intended for circuits where even a 1% deviance could cause a frequency shift, such as in oscillators or tuned amplifiers.
---
## 4. Common Applications
* **RF Oscillators:** Maintaining a stable carrier frequency.
* **Tuned Circuits:** Used in ham radio equipment, transmitters, and receivers.
* **Pulse Handling:** Because mica can handle high $dV/dt$ (rapid voltage changes) without degrading.
* **Calibration Equipment:** Used as a reference standard in measurement tools.
- ⤷
What is the difference between a Silver Mica capacitor and a COG/NPO ceramic capacitor?
- ⤷ How do I interpret the lead spacing for a DM05 case size?
- ⤷ Are there modern SMD equivalents for this through-hole mica capacitor?