DM05FA102JO3-RHR02
AI

## DM05FA102JO3-RHR02 Electronic Component Details
The **DM05FA102JO3-RHR02** is a high-precision, high-reliability **Mica Capacitor**. These components are specifically engineered for applications requiring extreme stability, low loss, and resistance to environmental stress.
---
### 1. Key Technical Specifications
| Parameter | Value / Specification |
| :--- | :--- |
| **Capacitance** | 1000 pF (1.0 nF) |
| **Tolerance** | ±5% (indicated by 'J') |
| **Voltage Rating** | 100V - 500V DC (Series dependent) |
| **Dielectric Material** | Silver Mica |
| **Operating Temperature** | -55°C to +125°C (up to +150°C for specific variants) |
| **Termination** | Radial Leaded |
| **Standard Compliance** | MIL-PRF-5 (Military Grade standards often applied) |
---
### 2. Part Number Breakdown
While specific manufacturer prefixes can vary (e.g., Cornell Dubilier/CDE), the code typically breaks down as follows:
* **DM05**: Represents the case size and physical dimensions (Dip Mica style).
* **FA**: Temperature coefficient and characteristic (usually -20 to +100 ppm/°C).
* **102**: The capacitance value. The first two digits (10) are the significant figures, and the third (2) is the multiplier ($10 \times 10^2 = 1000$ pF).
* **J**: Tolerance code (±5%).
* **O3**: Voltage/Packaging code.
* **RHR02**: Specific processing or RoHS compliance suffixes.
---
### 3. Features and Advantages
* **Excellent Stability:** Mica capacitors are known for their extremely low drift over time and temperature.
* **Low Dissipation Factor:** They offer very low energy loss, making them ideal for high-frequency applications.
* **High Q Factor:** Suitable for RF (Radio Frequency) circuits where high "Quality Factor" is necessary for tuning.
* **Durability:** The dipped epoxy coating provides excellent moisture and shock resistance.
---
### 4. Common Applications
1. **RF Oscillators:** Used in timing circuits where frequency stability is critical.
2. **Filtering:** High-frequency pulse-handling circuits.
3. **Military & Aerospace:** Due to the "RHR" (High Reliability) designation, these are often found in avionics and defense communication systems.
4. **Audio Equipment:** Sometimes used in high-end audio crossovers or tube amplifiers for their linear performance.
---
- ⤷
What are the primary differences between Mica and Ceramic capacitors in RF circuits?
- ⤷ Can this specific part number be cross-referenced with a Cornell Dubilier equivalent?
- ⤷ How does the 'J' tolerance affect the performance of a resonant circuit?