DM05FC100JO3-SA-R02
AI

The part number **DM05FC100JO3-SA-R02** refers to a high-precision **Mica Capacitor** manufactured by Cornell Dubilier (CDE). These components are known for their exceptional stability, high reliability, and low loss at high frequencies.
---
### 1. Technical Specifications
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Capacitance** | 10 pF | 10 Picofarads |
| **Tolerance** | ±5% | Indicated by the "J" in the part number |
| **Voltage Rating** | 300V - 500V | High dielectric strength |
| **Dielectric Material** | Silver Mica | Natural mineral with high stability |
| **Operating Temperature** | -55°C to +125°C | Military/Industrial grade range |
| **Package Type** | Radial Leaded | Standard dipped epoxy coating |
---
### 2. Part Number Breakdown
The alphanumeric code provides specific details about the component's physical and electrical properties:
* **DM05:** Refers to the case size (Small footprint, roughly 0.1" lead spacing).
* **FC:** Indicates the temperature coefficient and characteristic (Standard stability).
* **100:** The capacitance value. The first two digits (10) are significant, and the third (0) is the multiplier ($10 \times 10^0 = 10$ pF).
* **J:** Tolerance code for ±5%.
* **O3:** Voltage code (typically 300V to 500V depending on the series variation).
* **SA-R02:** Specific manufacturing codes for lead finish (RoHS compliant) and packaging (Ammo pack or Tape/Reel).
---
### 3. Key Characteristics & Applications
#### Why use Silver Mica?
* **Precision:** They maintain their capacitance value very accurately over time.
* **Low Dissipation:** Excellent for RF (Radio Frequency) applications where energy loss must be minimized.
* **Temperature Stability:** The capacitance changes very little as the temperature fluctuates.
#### Common Uses
1. **RF Circuits:** Used in transmitters, filters, and oscillators.
2. **Coupling/Decoupling:** High-voltage paths in specialized electronics.
3. **Timing Circuits:** Where a stable time constant is required.
4. **Audio Equipment:** High-end audio enthusiasts use them for their "clean" signal properties.
---
- ⤷
What are the main differences between Mica and Ceramic capacitors?
- ⤷ Can this capacitor be used in surface mount (SMD) applications?
- ⤷ How do I interpret the temperature coefficient for DM series capacitors?