DM05FE151JO3-SA-R02
AI

The part number **DM05FE151JO3-SA-R02** refers to a high-precision **Mica Capacitor** typically manufactured by CDE (Cornell Dubilier). These capacitors are renowned for their stability, high reliability, and low loss at high frequencies.
### 1. Part Number Breakdown
| Component Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **DM05** | Case Size / Series | Standard miniature dipped mica case style. |
| **FE** | Voltage Rating | Indicates 500V DC. |
| **151** | Capacitance Code | 150 pF (15 + one zero). |
| **J** | Tolerance | ±5% (Standard tolerance). |
| **O3** | Operating Temp | -55°C to +125°C. |
| **SA** | Mounting / Lead | Straight leads / Specific lead spacing. |
| **R02** | Packaging/Custom | Indicates RoHS compliance and specific reel/bulk packaging. |
---
### 2. Key Technical Specifications
Mica capacitors use silver electrodes screened onto mica sheets as the dielectric. This construction provides specific electronic advantages:
* **Capacitance:** 150 pF (Picofarads).
* **Voltage Rating:** 500 VDC.
* **Tolerance:** ±5%.
* **Temperature Coefficient:** Extremely low and predictable, making them ideal for timing circuits.
* **Dielectric Absorption:** Very low, allowing for rapid charging/discharging with minimal energy retention.
---
### 3. Electronic Applications
Because of their precision and stability, the **DM05FE151JO3-SA-R02** is commonly used in the following areas:
1. **RF Circuits:** Used in oscillators and filters due to the low dissipation factor and high Q (quality) factor at radio frequencies.
2. **High-Voltage Couplings:** With a 500V rating, it can handle significant voltage spikes in power supplies or signal lines.
3. **Timing & Tuning:** Preferred for resonant circuits where the capacitance must remain constant despite temperature fluctuations.
4. **Military & Aerospace:** Mica is chemically stable and resistant to radiation and mechanical shock.
---
### 4. Comparison with Other Dielectrics
| Feature | Mica (DM05) | Ceramic (MLCC) | Film Capacitor |
| :--- | :--- | :--- | :--- |
| **Stability** | Excellent | Varies (X7R shifts) | Good |
| **High Frequency** | Outstanding | Good | Moderate |
| **Size** | Larger | Very Small | Moderate |
| **Cost** | Higher | Very Low | Moderate |
---
- ⤷
What are the specific lead spacing measurements for the SA-R02 variant?
- ⤷ Can this mica capacitor be used in AC applications
- ⤷ or is it strictly DC?
- ⤷ How does the Q-factor of mica capacitors compare to C0G ceramic capacitors?