DM05FE151JO3-ST-R02
AI

The **DM05FE151JO3-ST-R02** is a high-precision, high-reliability **Mica Capacitor** manufactured by Cornell Dubilier (CDE). These components are widely used in RF applications due to their stability and low loss.
---
### 1. Technical Specifications
Below is a breakdown of the electrical and physical characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Capacitance** | 150 pF (Picofarads) |
| **Tolerance** | ±5% (indicated by 'J') |
| **Voltage Rating** | 500 VDC |
| **Dielectric Material** | Silver Mica |
| **Operating Temperature** | -55°C to +125°C |
| **Mounting Type** | Through-hole (Radial Leads) |
| **Termination** | SnAgCu (RoHS Compliant) |
---
### 2. Part Number Breakdown
The alphanumeric code follows the CDE standard naming convention for dipped mica capacitors:
* **DM**: Type (Dipped Mica).
* **05**: Case Size (Smallest standard size).
* **FE**: Temperature coefficient and capacitance drift characteristics.
* **151**: Capacitance value code. The first two digits are significant (15), the third is the multiplier ($10^1$). $15 \times 10 = 150$ pF.
* **J**: Tolerance code (±5%).
* **O3**: Internal manufacturer designator for lead spacing/style.
* **ST**: Short lead variation.
* **R02**: RoHS compliance/Packaging identifier.
---
### 3. Key Electronic Properties
* **Silver Mica Dielectric:** Unlike ceramic or electrolytic capacitors, mica is a natural mineral that is chemically stable. It does not age or degrade significantly over time.
* **High Q-Factor:** This part has extremely low losses at high frequencies, making it ideal for tuned circuits.
* **Low Inductance:** The radial lead construction and small size minimize parasitic inductance.
* **Voltage Stability:** The capacitance remains very constant even as the applied voltage changes.
---
### 4. Common Applications
Due to its precision and stability, this capacitor is typically used in:
1. **RF Oscillators:** Maintaining a stable frequency in radio transmitters.
2. **Filter Networks:** Precision low-pass, high-pass, or band-pass filters where drift is unacceptable.
3. **Snubber Circuits:** Handling high-voltage spikes in low-current environments.
4. **Audio Equipment:** High-end audio paths where "capacitor coloring" must be minimized.
- ⤷
What is the lead spacing for the O3-ST variant of this capacitor?
- ⤷ Can this mica capacitor be substituted with a C0G/NP0 ceramic capacitor?
- ⤷ What are the specific advantages of mica over polyester film dielectrics in RF circuits?