DM10DY102KO3-RHR02
AI

The part number **DM10DY102KO3-RHR02** corresponds to a specialized **Ceramic Disc Capacitor**, typically manufactured by companies like **DECO** or similar high-voltage component specialists. These capacitors are engineered for durability in power supply and suppression circuits.
---
### 1. Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Capacitance** | 1000 pF (1 nF) |
| **Capacitance Code** | 102 (10 + 00) |
| **Voltage Rating** | High Voltage (Commonly 1kV - 10kV depending on series) |
| **Tolerance** | ±10% (Code: K) |
| **Temperature Coefficient** | Y5P or similar (indicated by "DY") |
| **Mounting Type** | Through-hole (Radial Leads) |
---
### 2. Breakdown of the Part Number
* **DM**: Series identifier (often refers to a specific disc material or safety rating).
* **DY**: Dielectric material code. "Y" typically denotes a Class II ceramic (like Y5P), which offers high volumetric efficiency.
* **102**: Capacitance value. The first two digits (10) are significant figures, and the third (2) is the multiplier ($10^2$). Result: $1000$ pF.
* **K**: Tolerance code, representing ±10%.
* **O3**: Internal manufacturer code for lead spacing or lead length.
* **RHR02**: Packaging and compliance suffix (often denotes RoHS compliance and specific reel/bulk packaging styles).
---
### 3. Key Applications
These capacitors are designed for high-stress environments and are commonly found in:
1. **Switch-Mode Power Supplies (SMPS):** Used for snubber circuits to protect against voltage spikes.
2. **EMI/RFI Filtering:** Used to bypass high-frequency noise to the ground.
3. **Lighting Ballasts:** Found in high-intensity discharge or LED driver circuits.
4. **TV/Monitor Circuits:** Used in horizontal resonance or high-voltage coupling.
---
### 4. Characteristics and Behavior
* **Stability:** Since it uses a Class II dielectric (DY/Y5P), the capacitance will fluctuate based on temperature changes. It is not suitable for precision timing but excellent for decoupling.
* **Voltage Robustness:** These parts are tested to withstand transient surges significantly higher than their rated DC voltage.
- ⤷
What is the exact voltage rating for the DM10 series?
- ⤷ How does the Y5P dielectric compare to X7R in terms of temperature stability?
- ⤷ Are there surface-mount (SMD) equivalents for this high-voltage capacitor?