DM10FD102JO3-RHR02
AI

## DM10FD102JO3-RHR02: Electronic Component Analysis
The **DM10FD102JO3-RHR02** is a high-precision **Mica Capacitor** manufactured by Cornell Dubilier (CDE). These capacitors are renowned for their stability, high reliability, and low loss at high frequencies.
---
### 1. General Specifications
The part number follows a specific nomenclature that defines its physical and electrical characteristics.
| Parameter | Specification |
| :--- | :--- |
| **Capacitance** | 1000 pF (1.0 nF) |
| **Tolerance** | ±5% (indicated by 'J') |
| **Voltage Rating** | 500 VDC |
| **Dielectric Material** | Silver Mica |
| **Operating Temperature** | -55°C to +125°C |
| **Termination Style** | Radial Leaded |
---
### 2. Key Features
Silver mica capacitors like the DM10 series are chosen for specific performance traits that exceed standard ceramic or electrolytic capacitors:
* **Extreme Stability:** They exhibit very little change in capacitance over time, temperature, and frequency.
* **Low Dissipation Factor:** High "Q" factor, making them ideal for RF (Radio Frequency) applications.
* **Tight Tolerance:** The ±5% tolerance ensures predictable performance in tuned circuits.
* **Voltage Withstand:** The 500V rating allows for use in power-sensitive or high-voltage signal paths.
---
### 3. Application Areas
Due to their precision, these components are typically found in:
1. **RF Oscillators:** Used to set frequencies where drift must be minimized.
2. **Filter Networks:** Essential for sharp cutoff characteristics in radio and audio equipment.
3. **Timing Circuits:** Used where pulse stability is critical.
4. **Aerospace & Defense:** Often utilized in legacy and high-reliability communication hardware.
---
### 4. Part Number Breakdown
While manufacturer codes vary slightly, the structure for this CDE part is generally:
* **DM10:** Refers to the case size (standard dipped mica dimensions).
* **F:** Characteristic code (Temperature coefficient and drift).
* **D:** Voltage code (500V).
* **102:** Capacitance code (10 + two zeros = 1000pF).
* **J:** Tolerance code (±5%).
* **O3:** Packaging or lead style variant.
* **RHR02:** Specific manufacturing/RoHS compliance or internal revision suffix.
- ⤷
What are the main differences between Silver Mica and Ceramic capacitors in RF circuits?
- ⤷ Can this capacitor be used in AC power filtering applications?
- ⤷ Is there a surface-mount (SMD) equivalent for the DM10 series?