DM10FD151JO3-RHR02
AI

The **DM10FD151JO3-RHR02** is a high-precision Silver Mica capacitor manufactured by **Cornell Dubilier (CDE)**. These components are renowned for their stability, high Q factor, and reliability in RF (Radio Frequency) and precision timing circuits.
---
### ## Technical Specifications
Below is the detailed breakdown of the electrical and physical characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Capacitance** | 150 pF (Picofarads) |
| **Tolerance** | ±5% (indicated by 'J') |
| **Voltage Rating** | 500 VDC |
| **Dielectric Material** | Silver Mica |
| **Operating Temperature** | -55°C to +125°C |
| **Case Style** | DM10 (Standard Dipped Mica) |
| **Termination** | Radial Leads (RoHS Compliant) |
---
### ### Key Features and Construction
1. **Silver Mica Dielectric:**
* Unlike ceramic capacitors, mica capacitors use sheets of natural mica coated with silver electrodes.
* This construction provides excellent **capacitance stability** over time and temperature.
2. **High Q Factor:**
* Mica capacitors have very low losses (low ESR and high insulation resistance). This makes them ideal for high-frequency applications where energy loss must be minimized.
3. **Voltage Handling:**
* With a 500V rating, this part is suitable for vacuum tube circuits, power amplifiers, and high-voltage transmitters.
4. **Temperature Coefficient:**
* They feature a very low and predictable temperature coefficient (typically 0 to +70 ppm/°C), ensuring the circuit remains in tune despite heat fluctuations.
---
### ### Typical Applications
Because of its 150pF value and high stability, the **DM10FD151JO3-RHR02** is commonly found in:
* **RF Oscillators:** Maintaining frequency stability in radio transmitters.
* **Filter Networks:** Used in band-pass or low-pass filters where precise cutoff frequencies are required.
* **Snubber Circuits:** Handling high-speed voltage spikes in power electronics.
* **Audio Equipment:** Sometimes used in high-end audio crossovers or tube amp tone stacks due to their "clean" signal characteristics.
---
### ### Comparison: Mica vs. Ceramic (C0G/NP0)
| Feature | Silver Mica (DM10) | Ceramic (C0G/NP0) |
| :--- | :--- | :--- |
| **Stability** | Exceptional | Very High |
| **Voltage Range** | High (Up to 1000V+) | Limited in small sizes |
| **Size** | Larger/Bulky | Very Small (SMD) |
| **Cost** | Expensive | Low |
- ⤷
What is the significance of the 'JO3' suffix in the Cornell Dubilier part numbering system?
- ⤷ Are there surface-mount (SMD) alternatives to the DM10 series with similar stability?
- ⤷ How does the aging rate of silver mica compare to Class 2 ceramic capacitors?