Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • DM19DA100JO3-SA-R02

  • AI
    Based on the part numbering convention, the **DM19DA100JO3-SA-R02** appears to be a specialized **Silver Mica Capacitor** manufactured by Cornell Dubilier (CDE) or a similar high-precision component provider. These parts are known for their extreme stability and high-frequency performance. --- ## 1. Technical Specifications The following table breaks down the likely specifications for this specific part number: | Characteristic | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Silver Mica Capacitor | Known for low loss and high stability. | | **Capacitance** | 10 pF (Picofarads) | Indicated by the "100" (10 + 0 zeros). | | **Tolerance** | ±5% (J) | "J" typically denotes a 5% tolerance range. | | **Voltage Rating** | 500V - 1000V DC | Standard for DM19 series (Case size 19). | | **Operating Temp** | -55°C to +125°C | High-reliability industrial/military range. | | **Package/Case** | Case size 19 | Dipped Mica (DM) Radial leaded package. | --- ## 2. Key Components & Materials Mica capacitors are constructed using a unique multilayer architecture: * **Dielectric:** Natural muscovite mica sheets. These are chemically inert and do not change dimensions with temperature. * **Electrodes:** Silver is deposited directly onto the mica sheets. This "Silver Mica" construction minimizes internal inductance. * **Coating:** Typically an epoxy or phenolic resin "dip" (indicated by the **DA** or **DM** prefix) to protect against moisture and mechanical shock. * **Leads:** Solder-coated copper or copper-clad steel (SA often denotes specific lead spacing or material variations). --- ## 3. Typical Applications Because of its precision, this part is used in circuits where frequency drift cannot be tolerated: 1. **RF Oscillators:** Maintaining a steady frequency in radio transmitters. 2. **Filter Networks:** Used in high-Q filters (Low Pass, High Pass) where sharp cutoff frequencies are required. 3. **Pulse Circuits:** High voltage handling makes them suitable for high-speed pulse applications. 4. **Audio Equipment:** Used in high-end audio for its linear characteristics and low "dielectric absorption." --- ## 4. Advantages vs. Disadvantages ### Advantages * **Low Drift:** The capacitance value remains remarkably steady over time and temperature. * **High Q Factor:** Very low losses at high frequencies. * **Voltage Handling:** Can withstand high surges compared to ceramic MLCCs of the same size. ### Disadvantages * **Cost:** Significantly more expensive than ceramic capacitors. * **Size:** Larger physical footprint compared to modern surface-mount components.
    ✨ Follow-up Questions
    • ⤷ What are the direct equivalents for this part in SMD format?
    • ⤷ How does the 'J' tolerance compare to other mica capacitor ratings?
    • ⤷ What is the specific lead spacing for the DM19 case size?