DM19DA151JO3-SA-R02
AI

The **DM19DA151JO3-SA-R02** is a specialized high-reliability electronic component, specifically a **Silver Mica Capacitor**. These parts are renowned for their exceptional stability, high precision, and low loss at high frequencies.
---
## Technical Specifications
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Component Type** | Silver Mica Capacitor | Precision dielectric material |
| **Capacitance** | 150 pF | Indicated by "151" (15 x 10^1) |
| **Tolerance** | ±5% | Indicated by the "J" character |
| **Voltage Rating** | 500V DC | Standard for DM19 series |
| **Operating Temp** | -55°C to +125°C | High thermal stability range |
| **Case Size/Style** | DM19 | Larger dipped mica package |
---
## Breakdown of Part Numbering
The alphanumeric code follows a specific industry standard for mica capacitors:
1. **DM19**: Refers to the physical body size and style (Dipped Mica, Size 19).
2. **DA**: Represents the characteristic (temperature coefficient and drift limits).
3. **151**: The capacitance code. The first two digits (15) are the value, and the third (1) is the multiplier ($15 \times 10^1 = 150$ picofarads).
4. **J**: The tolerance code ($J = \pm5\%$).
5. **O3**: Typically refers to the working voltage (500V) or specific lead spacing.
6. **SA-R02**: Manufacturer-specific suffix denoting RoHS compliance, lead finish, or custom packaging requirements.
---
## Key Features and Applications
### Why Silver Mica?
* **High Precision:** They offer very tight tolerances compared to standard ceramic capacitors.
* **Low Dissipation Factor:** They have extremely low energy loss, making them ideal for RF (Radio Frequency) applications.
* **Temperature Stability:** The capacitance changes very little across its entire temperature range.
* **Voltage Withstanding:** Excellent resistance to voltage spikes and high-voltage environments.
### Common Uses
* **RF Oscillators:** Maintaining a stable frequency in radio transmitters.
* **Filter Networks:** Used in tuned circuits where precise values are critical.
* **Coupling/Decoupling:** In high-voltage power supplies or audio equipment.
* **Aerospace & Defense:** Due to their long-term reliability and environmental ruggedness.
- ⤷
What are the main differences between Silver Mica and Ceramic capacitors in RF circuits?
- ⤷ Can this capacitor be used in AC power applications?
- ⤷ What is the physical lead spacing for a DM19 case size?