DM19DC102DO3-SA-R02
AI

To provide an accurate explanation, it is important to identify that the part number **DM19DC102DO3-SA-R02** corresponds to a specific series of **High-Frequency Connectors**, typically manufactured by companies like D-Amp (or similar RF component specialists). These are often used in automotive and telecommunication electronics.
---
## 1. Component Overview
This part is an **RF (Radio Frequency) Fakra-style connector**. Fakra connectors are standardized automotive high-frequency connectors used for cellular, GPS, and satellite radio applications.
### Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | Fakra SMB (SubMiniature version B) |
| **Interface Style** | Female / Jack (usually) |
| **Contact Plating** | Gold or Tin over Nickel |
| **Frequency Range** | DC up to 4 GHz – 6 GHz |
| **Impedance** | 50 Ω (Ohms) |
| **Mounting Style** | Surface Mount (SMT) or Through-Hole (PCB) |
---
## 2. Technical Breakdown
The alphanumeric code describes the physical and electrical characteristics of the part:
### A. Frequency and Impedance
* **50 Ohm Impedance:** Crucial for RF signals to prevent signal reflection and ensure maximum power transfer.
* **DC to 6.0 GHz:** This range covers signals for Bluetooth, Wi-Fi 2.4/5GHz, and most LTE/5G cellular bands used in vehicle telematics.
### B. The "Fakra" Housing (Mechanical Keying)
The "DO3" or "SA" designations often refer to the **Mechanical Keying (Color Coding)**. In automotive standards:
* Standardized colors (Blue, Green, Bordeaux, etc.) prevent incorrect connections during assembly.
* The "SA" often refers to **Side Entry** or a specific **Straight/Angle** orientation for PCB mounting.
### C. Material Composition
* **Center Contact:** Brass or Phosphor Bronze with Gold plating for high conductivity and oxidation resistance.
* **Insulator:** PTFE (Teflon) to maintain consistent dielectric properties.
* **Outer Body:** Zinc alloy or plastic housing designed to withstand automotive vibrations and temperature fluctuations (-40°C to +105°C).
---
## 3. Typical Applications
These parts are found in modern vehicle electronic control units (ECUs) and infotainment systems:
1. **GPS/Navigation:** Connecting the external shark-fin antenna to the dashboard unit.
2. **ADAS Cameras:** High-speed data transmission for 360-degree camera systems.
3. **V2X Communication:** Vehicle-to-everything communication modules.
4. **Satellite Radio:** SiriusXM antenna inputs.
---
## 4. PCB Footprint & Assembly
As an **R02 (Reel Packaging)** part, it is designed for automated assembly:
* **Pick and Place:** Compatible with SMT (Surface Mount Technology) nozzle systems.
* **Soldering:** Lead-free reflow soldering compatible.
- ⤷
What is the specific color code (Keying) for the SA-R02 suffix in Fakra standards?
- ⤷ How does the insertion loss of this connector compare to standard SMA connectors?
- ⤷ What are the recommended soldering temperature profiles for this specific component?