DM19DC102JO3-SA-R02
AI

The part number **DM19DC102JO3-SA-R02** refers to a high-precision, high-reliability **Silver Mica Capacitor** manufactured by Cornell Dubilier (CDE) or a similar specialized manufacturer.
Silver mica capacitors are renowned for their stability, high Q-factor (low loss), and tight tolerances, making them ideal for RF applications.
---
### 1. Technical Specifications Breakdown
| Parameter | Specification |
| :--- | :--- |
| **Capacitance** | 1,000 pF (1 nF) |
| **Tolerance** | ±5% (indicated by 'J') |
| **Voltage Rating** | 300V DC |
| **Dielectric Material** | Silver Mica |
| **Case Type** | DM19 (Dipped Mica) |
| **Operating Temperature** | -55°C to +125°C |
| **Termination** | Radial Leads (Standard solderable) |
---
### 2. Part Number Decoder (Typical)
While manufacturers vary slightly, the nomenclature usually breaks down as follows:
* **DM19:** Refers to the physical case size and style (Standard Dipped Mica).
* **DC:** Represents the voltage rating (typically 300V in this sequence).
* **102:** The capacitance value in picofarads. The first two digits (10) are significant figures, and the third (2) is the multiplier (100). $10 \times 10^2 = 1,000$ pF.
* **J:** Tolerance code ($J = \pm 5\%$).
* **O3:** Operating temperature range or specific lead spacing configuration.
* **SA-R02:** Specific packaging or compliance suffixes (e.g., RoHS compliance or specialized taping).
---
### 3. Key Characteristics & Applications
Silver mica capacitors are "precision" components. Unlike ceramic capacitors, they do not suffer significantly from aging or voltage coefficients.
#### Key Features:
* **High Stability:** Very low drift over time and temperature.
* **High Q-Factor:** Extremely low losses at radio frequencies (RF).
* **Voltage Withstand:** Excellent dielectric strength compared to physical size.
#### Common Applications:
1. **RF Oscillators:** Used to set frequency where stability is critical.
2. **Filter Networks:** High-order filters requiring precise capacitance values.
3. **Transmitters:** Coupling and decoupling in high-frequency power stages.
4. **Audio Equipment:** Sometimes used in high-end audio for its linear characteristics.
---
### 4. Comparison with Alternatives
| Feature | Silver Mica (DM19) | Ceramic (C0G/NP0) | Film Capacitor |
| :--- | :--- | :--- | :--- |
| **Stability** | Excellent | Very Good | Moderate |
| **RF Performance** | Superior | High | Low |
| **Cost** | High | Low | Medium |
| **Size** | Bulkier | Compact | Large |
- ⤷
What is the lead spacing for the DM19 case style?
- ⤷ Are there RoHS-compliant alternatives for this specific part?
- ⤷ How does the temperature coefficient of mica compare to NP0 ceramics?