DM19EC100JO3-SA-R02
AI

The **DM19EC100JO3-SA-R02** is a high-precision, high-reliability electronic component, specifically a **Mica Capacitor**. These components are known for their extreme stability, low loss, and high voltage handling capabilities.
Below is a detailed breakdown of its specifications and characteristics.
---
### 1. Technical Specifications
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Capacitance** | 10 pF | The storage capacity of the device. |
| **Tolerance** | ±5% (J) | The allowable variance from the nominal capacitance. |
| **Voltage Rating** | 300V - 500V | Typically rated for high-voltage DC applications. |
| **Dielectric Material** | Silver Mica | Provides excellent thermal and electrical stability. |
| **Operating Temp** | -55°C to +125°C | Designed for extreme environmental conditions. |
| **Case Style** | DM19 (Dipper) | Standardized size for radial leaded mica capacitors. |
---
### 2. Key Features and Construction
* **Silver Mica Dielectric:** Unlike ceramic or electrolytic capacitors, mica capacitors use sheets of natural mica coated with silver. This results in minimal aging and high precision.
* **High Q Factor:** It offers very low losses (high "Quality" factor), making it ideal for high-frequency (RF) circuits where signal integrity is critical.
* **Temperature Coefficient:** Extremely low and predictable capacitance change over temperature fluctuations.
* **Non-Inductive:** The internal construction minimizes parasitic inductance, which is vital for high-speed switching and RF tuning.
---
### 3. Common Applications
Due to its stability and high-frequency performance, this part is typically found in:
1. **RF Oscillators:** Used to set precise frequencies in transmitters and receivers.
2. **Filter Networks:** Critical for band-pass and low-pass filters in telecommunications.
3. **High-Voltage Couplings:** Used in power supplies and medical electronics where voltage spikes are common.
4. **Calibration Equipment:** Employed as a reference standard in laboratory testing gear.
---
### 4. Part Number Breakdown (Generic)
* **DM19:** Refers to the physical size/housing (standard dipper mica size).
* **EC:** Refers to the characteristic (Temperature coefficient/drift).
* **100:** The capacitance value code (10 with 0 zeros = 10 pF).
* **J:** Tolerance code (±5%).
* **O3:** Voltage or lead configuration indicator.
* **SA-R02:** Specific manufacturing suffix or RoHS compliance indicator.
- ⤷
How does a silver mica capacitor compare to a C0G/NP0 ceramic capacitor?
- ⤷ What are the common failure modes for this type of capacitor?
- ⤷ Is this part suitable for high-power RF transmission?