DM19EE100DO3-ST-R02
AI

The part number **DM19EE100DO3-ST-R02** typically refers to a high-precision **Mica Capacitor** manufactured by companies like Cornell Dubilier (CDE). These components are known for their extreme stability, high Q factor, and reliability in RF applications.
---
### 1. Part Number Breakdown
Based on standard industry nomenclature for silver mica capacitors, here is the functional breakdown:
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **DM19** | Case Size/Style | Standard dipped mica package size (approx. 18.0 x 13.0 mm). |
| **EE** | Voltage Rating | Typically indicates 2500V DC operating voltage. |
| **100** | Capacitance Code | The value in picofarads (pF). 100 = **10 pF**. |
| **D** | Tolerance | Indicates **±0.5 pF** (Precision tolerance). |
| **O3** | Temp. Range | Standard operating temperature range (usually -55°C to +125°C). |
| **ST** | Lead Type | Straight leads (radial configuration). |
| **R02** | Packaging/Rev | Internal manufacturer revision or specific tape/reel packaging code. |
---
### 2. Key Technical Specifications
These parts are engineered for performance in demanding circuits where drift must be minimized.
* **Dielectric:** Silver Mica (Natural mineral).
* **Capacitance:** 10 pF.
* **Tolerance:** ±0.5 pF (extremely tight).
* **Voltage:** 2500 VDC (High voltage capability).
* **Temperature Coefficient:** Very low (typically 0 to +70 ppm/°C), ensuring values stay constant despite heat.
* **Quality Factor (Q):** Very high, leading to low losses at high frequencies.
---
### 3. Common Applications
Due to its high voltage rating and precision, this specific part is usually found in:
1. **RF Transmitters:** Used in tank circuits and tuning stages where high power and frequency stability are required.
2. **Impedance Matching:** Used in high-power antenna tuners.
3. **Pulse Circuits:** Capable of handling rapid dV/dt (voltage changes) without degrading.
4. **Laboratory Instrumentation:** Used in calibration equipment where capacitance must remain fixed over years of use.
---
### 4. Comparison with Other Dielectrics
| Feature | Silver Mica (DM19) | Ceramic (MLCC) | Film Capacitor |
| :--- | :--- | :--- | :--- |
| **Stability** | Excellent | Variable (Class 2) | Good |
| **High Voltage** | Very High | Limited in small sizes | High |
| **Loss (ESR)** | Extremely Low | Low | Moderate |
| **Cost** | High | Low | Moderate |
- ⤷
What are the alternative case sizes if the DM19 is too large for my PCB?
- ⤷ How does the 'EE' voltage rating compare to 'FD' or 'FF' codes in mica capacitors?
- ⤷ Can this capacitor be used in AC power filtering applications?