DM19EE102JO3-ST-R02
AI

The part number **DM19EE102JO3-ST-R02** refers to a high-precision **Silver Mica Capacitor** typically manufactured by companies like Cornell Dubilier (CDE). These capacitors are renowned for their high stability, low loss, and reliability in RF (Radio Frequency) applications.
---
### 1. Technical Specifications Breakdown
The alphanumeric string defines the specific characteristics of the component:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Series** | DM19 | Standard dipped mica case size (approx. 11.4 x 11.4 mm). |
| **Characteristic** | E | Temperature coefficient and drift range (Standard). |
| **Capacitance** | 102 | 10 followed by 2 zeros = **1000 pF (1nF)**. |
| **Tolerance** | J | **±5%** (Standard precision for mica). |
| **Voltage** | O3 | Rated for **500 VDC**. |
| **Termination** | ST | Straight leads (Standard). |
| **RoHS** | R02 | Compliance with environmental regulations (Lead-free). |
---
### 2. Key Material Properties
Silver Mica capacitors are constructed by sandwiching mica (a natural mineral) with silver electrodes. This construction provides unique electronic benefits:
* **Low Dissipation Factor:** They exhibit extremely low losses, making them ideal for high-frequency circuits.
* **Temperature Stability:** The capacitance changes very little across a wide temperature range (typically -55°C to +125°C).
* **High Voltage Handling:** The dielectric strength of mica allows for high voltage ratings in a relatively small physical package.
* **Tight Tolerance:** Unlike ceramic disc capacitors, mica capacitors maintain their rated value very accurately over time.
---
### 3. Common Applications
Due to their stability and high-Q factor, these parts are found in:
1. **RF Oscillators:** Maintaining frequency stability in radio transmitters.
2. **Filter Networks:** Used in low-pass, high-pass, and band-pass filters where precise cutoff frequencies are required.
3. **Snubber Circuits:** Handling high-speed voltage spikes in power electronics.
4. **Audio Equipment:** Sometimes used in high-end audio for their linear signal reproduction.
---
### 4. Physical Dimensions (Approximate)
| Dimension | Value (mm) | Value (inches) |
| :--- | :--- | :--- |
| **Length (Max)** | 11.4 mm | 0.450" |
| **Height (Max)** | 11.4 mm | 0.450" |
| **Thickness (Max)** | 4.8 mm | 0.190" |
| **Lead Spacing** | 8.7 mm | 0.344" |
- ⤷
How does silver mica compare to C0G/NP0 ceramic capacitors?
- ⤷ What are the common failure modes of mica capacitors?
- ⤷ Can this part be used in AC power applications?