AI

The part number **DM19EY151JO3-SA-R02** refers to a high-precision, high-reliability **Silver Mica Capacitor** manufactured by **Cornell Dubilier Electronics (CDE)** or their specialized military/industrial divisions.
Mica capacitors are renowned for their extreme stability, low loss, and reliability in RF (Radio Frequency) applications.
---
## 1. Technical Specifications Breakdown
| Parameter | Value / Description |
| :--- | :--- |
| **Component Type** | Silver Mica Capacitor |
| **Capacitance** | 150 pF (Picofarads) |
| **Tolerance** | ±5% (indicated by 'J') |
| **Voltage Rating** | Typically 500V DC (standard for DM19 size) |
| **Case Style** | DM19 (Dipped Mica, large frame) |
| **Temperature Range** | -55°C to +125°C |
| **Temperature Coeff.** | 0 to +70 ppm/°C (Characteristic E) |
---
## 2. Part Number Deciphering
Based on the CDE standard naming convention, here is what the specific segments represent:
* **DM19**: Refers to the physical size and case style. The "19" series is larger than the "15" series, allowing for higher voltage and capacitance ratings.
* **EY**: Represents the temperature characteristic and working voltage. "E" usually denotes a temperature coefficient of 0 to 70 ppm/°C.
* **151**: The capacitance code. The first two digits (15) are the significant figures, and the third (1) is the multiplier ($10^1$). $15 \times 10 = 150$ pF.
* **J**: The tolerance code. **J = ±5%**.
* **O3**: Typically relates to internal manufacturing codes or specific lead finishing.
* **SA-R02**: These are usually **Suffixes** indicating special processing, such as:
* **SA**: Special Appearance or Specific Assembly.
* **R02**: RoHS compliance status or a specific revision/packaging requirement (e.g., tape and reel or specific lead crimp).
---
## 3. Key Features and Materials
### Construction
* **Dielectric**: Uses natural Muscovite mica sheets.
* **Electrodes**: Silver is screened directly onto the mica sheets, providing a low-resistance path.
* **Coating**: Dipped in an epoxy resin to protect against moisture and environmental degradation.
### Performance Advantages
1. **Low Dissipation Factor**: Very low energy loss, making it ideal for high-frequency filters.
2. **High Stability**: Capacitance changes very little over time or with fluctuations in temperature and voltage.
3. **No Voltage Coefficient**: Unlike ceramic capacitors (MLCCs), the capacitance does not drop when a DC bias is applied.
---
## 4. Common Applications
Due to its 150pF value and high stability, this part is commonly used in:
* **RF Oscillators**: Maintaining a precise frequency.
* **Tuning Circuits**: Used in transmitters and receivers.
* **Pulse Circuits**: Handling high $dV/dt$ (rapid voltage changes) without degradation.
* **Audio Equipment**: Used in high-end amplifiers where signal purity and low distortion are required.
- ⤷What is the lead spacing for a standard DM19 case style?
- ⤷ How does a mica capacitor compare to a C0G ceramic capacitor in RF applications?
- ⤷ Are there RoHS-compliant alternatives for this specific part number?