Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • DM19FC102JO3-ST-R02

  • AI
    The part number **DM19FC102JO3-ST-R02** refers to a high-precision **Mica Capacitor** manufactured by Cornell Dubilier (CDE). These capacitors are renowned for their stability, high Q factor, and reliability in RF applications. --- ## 1. Technical Specifications | Parameter | Specification | Description | | :--- | :--- | :--- | | **Capacitance** | 1,000 pF (1.0 nF) | The nominal storage capacity. | | **Tolerance** | ±5% (Code: J) | The allowable variance from nominal capacitance. | | **Voltage Rating** | 300V DC | Maximum continuous DC voltage. | | **Dielectric Material** | Silver Mica | Provides excellent temperature stability. | | **Case Type** | DM19 | Standard molded case dimensions (~16.7 x 13.5 mm). | | **Temperature Range** | -55°C to +125°C | Operating thermal limits. | | **Termination** | Standard Lead (ST) | Through-hole mounting configuration. | --- ## 2. Part Number Breakdown Understanding the nomenclature helps identify the exact features of the component: * **DM**: Type (Dipped/Molded Mica). * **19**: Case Size (DM19 is larger than DM15, allowing for higher capacitance/voltage). * **FC**: Temperature Coefficient/Characteristics. * **102**: Capacitance Code ($10 \times 10^2$ pF = 1,000 pF). * **J**: Tolerance ($\pm 5\%$). * **O3**: Internal manufacturer designator for voltage/style. * **ST**: Lead style (Standard Straight). * **R02**: Revision or specific packaging suffix. --- ## 3. Key Applications Silver Mica capacitors are used where stability and low loss are critical. They do not age like ceramic capacitors and maintain their value over time. ### RF and Oscillators Used in tuned circuits, filters, and coupling/decoupling in radio frequency (RF) transmitters and receivers because of their **High Q Factor** (low energy loss). ### Precision Timing Ideal for timing circuits where capacitance must remain constant despite fluctuations in temperature or voltage. ### High-Voltage/High-Frequency Commonly found in older audio equipment (tube amps) and high-power radio equipment due to their ability to handle high voltage transients. --- ## 4. Comparison with Other Dielectrics | Feature | Silver Mica (DM19) | Ceramic (MLCC) | Film Capacitor | | :--- | :--- | :--- | :--- | | **Stability** | Excellent | Poor (X7R/Y5V) to Good (C0G) | Very Good | | **Cost** | High | Low | Moderate | | **Size** | Large (Bulky) | Small (SMD) | Medium | | **Lifespan** | Extremely Long | Medium | Long |
    ✨ Follow-up Questions
    • ⤷ What is the difference between DM15 and DM19 case sizes?
    • ⤷ How does the Q factor of a mica capacitor compare to a C0G ceramic capacitor?
    • ⤷ Are there surface-mount (SMD) alternatives to the DM19 series?